Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SREL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SREL
Description  For high density mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SREL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SREL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SREL Series
(Low Impedance, 3000 hours)
RoHS
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.8
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.8
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.8
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 6.3
7.7
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3
12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
µF
V
6.3
10
16
25
35
50
Item
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
10
100
5x5.8
1.30
95 6.3x5.8 2.00
70
22
220
5x5.8
1.30
95
5x5.8
0.70 140 6.3x5.8 2.00
70
33
330
5x5.8 1.30
95 6.3x5.8 0.70 140 6.3x5.8 0.70 140
6.3x7.7 0.70 140
6.3x7.7 1.60 100
8x10.2 0.70 230
47
470
5x5.8
1.30
95 6.3x5.8 0.70 140 6.3x5.8 0.70 140
6.3x5.8 0.70 230
6.3x7.7 0.70 230
6.3x7.7 1.60 100
6.3x7.7 0.70 230
8x10.2 0.34 350
100
101
6.3x5.8 0.70 140 6.3x5.8 0.70 140
6.3x5.8 0.70 140 6.3x7.7 0.70 230 6.3x7.7 0.70 230 8x10.2 0.34 350
6.3x7.7 0.70 230 8x10.2 0.16 600 8x10.2 0.16 600 10x10.2 0.18 670
150
151
6.3x5.8 0.70 140 6.3x5.8 0.70 140 6.3x7.7 0.70 230 8x10.2 0.16 600 8x10.2 0.16 600 10x10.2 0.18 670
220
221
6.3x5.8 0.70 230
6.3x7.7 0.70 230 6.3x7.7 0.70 230
8x10.2 0.16 600
8x10.2 0.16 600
10x10.2 0.18 670
8x10.2 0.70 600 8x10.2 0.16 600
10x10.2 0.08 850
330
331
6.3x7.7 0.70 230
8x10.2 0.16 600 8x10.2 0.16 600
8x10.2 0.15 600
10x10.2 0.08 850
8x10.2 0.16 600
10x10.2 0.08 850
470
471
8x10.2 0.16 600 8x10.2 0.16 600
8x10.2 0.16 600
10x10.2 0.08 850
1000
102 10x10.2 0.08 850
Case size
: D x L
(mm)
Max Impedance
:
Ω
20°C 100kHz
Max ripple current
: mA(rms) 105°C 100kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com