Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SW30
Description  Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SW30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SW30 Datasheet HTML 1Page - Arch Electronics Corp. SW30 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : PA_0
update : 2015.08.20
Encapsulated DC-DC Converter
SW30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
SW30-48-3.3S
SW30-48-5S
SW30-48-12S
SW30-48-15S
Max Output Wattage (W)
19.8W
30W
30W
30W
Input Filter
L-C type
Input
Voltage
48V (18-72V)
Voltage (V.DC.)
3.3
5
12
15
Voltage Accuracy
2%
Current (mA) max
6000
6000
2500
2000
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Capacitor Load (max)
Pending
Pending
Pending
Pending
Ripple
100 mV
max.
125mV
max.
Noise
100 mV
max.
125mV
max.
Efficiency
88%
90%
90%
90%
Output
Switching Frequency
450KHz
300KHz
Over Power Protection
Auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Isolation
Resistance
108 ohms
Operating Temperature
-40°C…+85C (with derating)
Storage Temperature
-55°C…+105°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.0 x 1.0 x 0.433 Inches ( 25.4 x 25.4 x 11.0 mm ) Tolerance
0.5 mm
Case Material
six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
15g
Physical
Cooling Method
Free-air convection
DC-DC ON
Open or +5 VDC ~ +15 VDC
DC-DC OFF
When -DC IN and ON/OFF CTL is Short (or 0 VDC ~ +0.5VDC)
Input Current of Remote Control Pin
1mA
Remote
ON/OFF
Remote off State Input Current
4mA
NOTE
Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
KEY FEATURES
 Power Module for PCB Mountable
 Smaller Dimension with High Efficiency
 4:1 Wide Input Range
 Regulated Output
 Low Ripple and Noise
 Remote ON/OFF Control (Optional)
 Operating Temperature: -40°C…+85°C (with derating)
 Small Size :1.0 x 1.0 x 0.433 Inches
 3-Years Product Warranty


Similar Part No. - SW30

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW30 ALPHAWIRE-SW30 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Microchip Technology
SW300001 MICROCHIP-SW300001 Datasheet
1Mb / 2P
Digital Filter Design/Digital Filter Design Lite
7/14/04
SW300001 MICROCHIP-SW300001 Datasheet
1Mb / 2P
Digital Filter Design/Digital Filter Design Lite
SW300001-LT MICROCHIP-SW300001-LT Datasheet
1Mb / 2P
Digital Filter Design/Digital Filter Design Lite
7/14/04
SW300001-LT MICROCHIP-SW300001-LT Datasheet
1Mb / 2P
Digital Filter Design/Digital Filter Design Lite
More results

Similar Description - SW30

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
Power Module for PCB Mountable
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com