Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPP-FMPP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # TMPP-FMPP
Description  Low dissipation factor (DF), excellent for high frequency
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TMPP-FMPP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TMPP-FMPP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
TMPP
FMPP
Rated Voltage
200VDC
400VDC
630VDC
250VDC
400VDC
630VDC
DIM.
CAP(μF)
ØD
L
ØD
L
ØD
L
W
H
T
W
H
T
W
H
T
0.010
5.0
15.0
5.5
15.0
6.5
15.0
0.015
5.0
15.0
6.0
15.0
7.0
15.0
0.022
6.0
15.0
7.0
15.0
8.0
15.0
0.033
6.0
15.0
7.5
15.0
8.0
21.0
0.047
6.5
15.0
8.0
21.0
9.0
21.0
0.068
7.5
15.0
8.0
21.0
10.5
21.0
0.10
8.0
15.0
8.5
21.0
11.0
27.0
15.0
10.0
6.0
21.0
12.0
7.0
27.0
13.0
8.0
0.15
8.0
21.0
10.0
21.0
12.0
27.0
21.0
11.0
6.0
21.0
13.0
7.0
27.0
15.0
9.0
0.22
9.0
21.0
9.5
27.0
14.0
33.0
21.0
11.0
7.0
27.0
14.0
8.0
33.0
19.0
10.0
0.33
10.5
21.0
12.0
27.0
16.0
33.0
21.0
13.0
8.0
27.0
16.0
10.0
33.0
20.0
12.0
0.47
10.5
27.0
13.0
33.0
18.0
33.0
27.0
14.0
8.0
33.0
20.0
12.0
33.0
22.0
14.0
0.68
12.5
27.0
15.0
33.0
20.0
37.0
27.0
16.0
10.0
33.0
22.0
13.0
37.0
24.0
15.0
1.0
14.0
33.0
18.0
34.0
22.0
37.0
33.0
18.0
11.0
33.0
21.0
13.5
37.0
25.0
16.0
1.5
16.0
33.0
20.0
37.0
33.0
20.0
12.5
37.0
24.0
16.0
42.0
29.0
20.0
2.2
18.0
33.0
22.0
37.0
33.0
22.0
14.0
42.0
25.0
16.0
47.0
34.0
24.0
3.3
20.0
37.0
24.0
42.0
37.0
24.0
15.0
47.0
34.0
23.0
4.7
22.0
37.0
26.0
47.0
37.0
27.0
17.0
Custom sizes available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polypropylene
Film Capacitors
TMPP & FMPP Series
(Axial Lead)
FEATURES
Low dissipation factor (DF), excellent for high frequency
applications
Miniature in size and light in weight
High reliability and excellent long-term stability
Flame retardant epoxy resin coating
SPECIFICATIONS
1.
Operating temperature: -40
oC to +105oC
2.
Capacitance range:
0.01
μF to 4.7μF
3.
Capacitance tolerance: ±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C < 0.33μF)
>10000M
Ω • μF (C ≥ 0.33μF)
PART NUMBERING SYSTEM
TMPP
104
K
2G
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
( μF )
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2D
2G
2J
200V
400V
630V
Tape & Reel / Tape & Ammo available for diameter 10mm or smaller
Please contact factory for part numbers
TMPP & FMPP are constructed with
metallized
polypropylene
film
dielectric,
tinned
copper leads, an outer wrapping of polyester film
tape and non-inductive epoxy resin end seals.
They are ideal for use in communication equipment,
timing circuits, and integrated filter networks.
MAX
OD
MAX
T
35mm
L
35mm
MIN
MAX
MIN
MIN
MIN
35mm
35mm
d
0.05
d
0.05
L
2
*Voltage derated at operating temperature >85
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - TMPP-FMPP

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TMPP103J2D MERITEK-TMPP103J2D Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TMPP103J2G MERITEK-TMPP103J2G Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TMPP103J2J MERITEK-TMPP103J2J Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
TMPP103K2D MERITEK-TMPP103K2D Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
More results

Similar Description - TMPP-FMPP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2DFO VISHAY-2DFO Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
Low dissipation factor
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
Kersemi Electronic Co.,...
KSMBZ44N KERSEMI-KSMBZ44N Datasheet
653Kb / 4P
Excellent package for good heat dissipation.
KSMT457N KERSEMI-KSMT457N Datasheet
643Kb / 4P
Excellent package for good heat dissipation.
KSMT613P KERSEMI-KSMT613P Datasheet
667Kb / 4P
Excellent package for good heat dissipation.
KSMT3055N KERSEMI-KSMT3055N Datasheet
662Kb / 4P
Excellent package for good heat dissipation.
KSMT3612N KERSEMI-KSMT3612N Datasheet
640Kb / 4P
Excellent package for good heat dissipation.
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
Low dissipation factor.
716P CDE-716P Datasheet
381Kb / 15P
Extremely low dissipation factor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com