Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B-M2 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL036B-M2
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-M2 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL036B-M2 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-M2 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3370A <Cat.No.150511>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
34
39
V
J550
550
700
Luminous Flux
J400
400
550
lm
Color Rank
Rank sm353g
x
0.3882
Center Point
y
0.3329
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com