Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B-M3 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL036B-M3
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-M3 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL036B-M3 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-M3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3345A <Cat.No.150223>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
34
39
V
J850
850
1000
J700
700
850
Luminous Flux
J550
550
700
lm
Color Ranks
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
x
0.4578
0.4338
0.4073
0.3818
0.3611
Center Point
y
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates
J550
J700
J850
sm273,sm303
sm353,sm403,sm453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com