Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B-M7 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL036B-M7
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-M7 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL036B-M7 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-M7 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3447 <Cat.No.150128>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
34
39
V
J1300
1300
1450
J1150
1150
1300
Luminous Flux
J1000
1000
1150
lm
Color Ranks
Rank sm303j
Rank sm323j
Rank sm353j
Rank sm403j
x
0.4286
0.4178
0.4033
0.3785
Center Point
y
0.3919
0.3878
0.3813
0.3677
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates
J1000
J1150
J1300
sm303j,sm323j
sm353j,sm403j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com