Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB135 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB135
Description  UHF variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB135 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB135_15 Datasheet HTML 1Page - NXP Semiconductors BB135_15 Datasheet HTML 2Page - NXP Semiconductors BB135_15 Datasheet HTML 3Page - NXP Semiconductors BB135_15 Datasheet HTML 4Page - NXP Semiconductors BB135_15 Datasheet HTML 5Page - NXP Semiconductors BB135_15 Datasheet HTML 6Page - NXP Semiconductors BB135_15 Datasheet HTML 7Page - NXP Semiconductors BB135_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Mar 01
2
NXP Semiconductors
Product specification
UHF variable capacitance diode
BB135
FEATURES
 Excellent linearity
 Very small plastic SMD package.
 C28: 1.9 pF; ratio: 10
 Low series resistance.
APPLICATIONS
 Electronic tuning in UHF television tuners.
 Radio upconversion concepts
 VCO.
DESCRIPTION
The BB135 is a variable capacitance diode, fabricated in
planar technology, and encapsulated in the SOD323 very
small plastic SMD package.
The matched type, BB134 has the same specification.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
sym008
2
1
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
Marking code: P5.
Cathode side indicated by a bar.
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BB135
plastic surface mounted package; 2 leads
SOD323
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
20
mA
Tstg
storage temperature
55
+150
C
Tj
operating junction temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com