Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCLL024Z-M2 Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NVCLL024Z-M2
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCLL024Z-M2 Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NVCLL024Z-M2 Datasheet HTML 8Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 9Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 10Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 11Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 12Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 13Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 14Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 15Page - NICHIA CORPORATION NVCLL024Z-M2 Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
NICHIA STS-DA1-3703 <Cat.No.150312>
11
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NVCLL024Z-M2
管理番号
No. STS-DA7-7710
25
30
35
40
45
-60 -40 -20
0
20
40
60
80 100 120
TaVf
0.4
0.6
0.8
1.0
1.2
1.4
-60 -40 -20
0
20
40
60
80 100 120
TaIv
100
1000
10000
25
30
35
40
45
VfIf
1200
3300
周囲温度-相対光束特性
Ambient Temperature vs
Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
5000
IfIv
順電流-相対光束特性
Forward Current vs
Relative Luminous Flux
順電流
Forward Current(mA)
順電圧-順電流特性
Forward Voltage vs
Forward Current
周囲温度-順電圧特性
Ambient Temperature vs
Forward Voltage
順電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
T
A
=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A
IFP=1200mA
IFP=1200mA
=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com