Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCLL024Z-M3 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVCLL024Z-M3
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCLL024Z-M3 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVCLL024Z-M3 Datasheet HTML 1Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 2Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 3Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 4Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 5Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 6Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 7Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 8Page - NICHIA CORPORATION NVCLL024Z-M3 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3706 <Cat.No.150312>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
32.6
38.2
V
Luminous Flux
Q0286
2860
3500
lm
Q0269
2690
3290
Q0253
2530
3110
Q0235
2350
2890
Q0223
2230
2730
Color Ranks
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
Center Point
x
0.4578
0.4338
0.4073
0.3818
0.3611
y
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates
Q0223
Q0235
Q0253
Q0269
Q0286
sm273
sm303
sm353
sm403
sm453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com