Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVCWL024Z Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVCWL024Z
Description  Built-in ESD Protection Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCWL024Z Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVCWL024Z Datasheet HTML 1Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 2Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 3Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 4Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 5Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 6Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 7Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 8Page - NICHIA CORPORATION NVCWL024Z Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NICHIA STS-DA1-3580A <Cat.No.150421>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
32.6
38.2
V
Q0513
5130
6290
Q0509
5090
6230
Q0499
4990
6110
Q0472
4720
5780
Luminous Flux
Q0397
3970
4870
lm
Rnn
Ra
-
-
-
R70
Ra
70
-
-
Ra
80
-
-
R8000
R9
0
-
-
Ra
90
-
-
Color Rendering Index
R9050
R9
50
-
-
Color Ranks
Rank sm503
Rank sm573
Rank sm653
x
0.3447
0.3287
0.3123
Center Point
y
0.3553
0.3417
0.3282
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
Q0397
Q0472
Q0499
Q0509
Q0513
Rnn
R70
R8000
sm503
R9050
sm573,sm653
R70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com