Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVELJ048Z-M2 Datasheet(PDF) 16 Page - NICHIA CORPORATION

Part # NVELJ048Z-M2
Description  Built-in ESD Protection Device
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVELJ048Z-M2 Datasheet(HTML) 16 Page - NICHIA CORPORATION

Back Button NVELJ048Z-M2 Datasheet HTML 9Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 10Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 11Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 12Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 13Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 14Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 15Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 16Page - NICHIA CORPORATION NVELJ048Z-M2 Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NICHIA STS-DA1-3718 <Cat.No.150312>
15
(4) Design Consideration
● Volatile organic compounds that have been released from materials present around the LEDs (e.g. housing, packing,
adhesive, secondary lens, lens cover, etc.) may penetrate the LED lens and/or encapsulating resin.
If the LEDs are being used in a hermetically sealed environment, these volatile compounds can discolor after being exposed
to heat and/or photon energy and it may greatly reduce the LED light output and/or cause a color shift.
In this case, ventilating the environment may improve the reduction in light output and/or color shift.
Perform a light-up test of the chosen application for optical evaluation to ensure that there are no issues,
especially if the LEDs are planned to be used in a hermetically sealed environment.
● Excessive forces on this product can cause the ceramic package to crack.
It is recommended to use a holder when fixing this product to a chassis.
● It is recommended to use a thermal film or thermal grease between the product and a chassis for increased heat dissipation.
(5) Electrostatic Discharge (ESD)
● The products are sensitive to static electricity or surge voltage. ESD can damage a die and its reliability.
When handling the products, the following measures against electrostatic discharge are strongly recommended:
Eliminating the charge
Grounded wrist strap, ESD footwear, clothes, and floors
Grounded workstation equipment and tools
ESD table/shelf mat made of conductive materials
● Ensure that tools (e.g. soldering irons), jigs and machines that are being used are properly grounded and
that proper grounding techniques are used in work areas. For devices/equipment that mount the LEDs,
protection against surge voltages should also be used.
● If tools or equipment contain insulating materials such as glass or plastic,
the following measures against electrostatic discharge are strongly recommended:
Dissipating static charge with conductive materials
Preventing charge generation with moisture
Neutralizing the charge with ionizers
(6) Thermal Management
● Proper thermal management is an important when designing products with LEDs. LED die temperature is affected
by LED module thermal resistance and LED spacing. Please design products in a way that the LED die temperature
does not exceed the maximum Junction Temperature (TJ).
● The dice temperature of the products should be calculated, using the case temperature (TC) of the product incorporated
into the end-product, by the following equation.
TJ=TC+RθJC・W
*TJ=LED junction temperature: °C
TC=Case temperature: °C
RθJC=Thermal resistance from junction to TC measuring point: °C/W
W=Input power(IF×VF): W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com