Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML6402PBF
Description  Ultra Low On-Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML6402PBF Datasheet HTML 1Page - International Rectifier IRLML6402PBF Datasheet HTML 2Page - International Rectifier IRLML6402PBF Datasheet HTML 3Page - International Rectifier IRLML6402PBF Datasheet HTML 4Page - International Rectifier IRLML6402PBF Datasheet HTML 5Page - International Rectifier IRLML6402PBF Datasheet HTML 6Page - International Rectifier IRLML6402PBF Datasheet HTML 7Page - International Rectifier IRLML6402PBF Datasheet HTML 8Page - International Rectifier IRLML6402PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 28, 2014
IRLML6402PbF
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -1.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
29
43
ns
TJ = 25°C, IF = -1.0A
Qrr
Reverse RecoveryCharge
–––
11
17
nC
di/dt = -100A/μs
‚
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
-1.3
-22
A
S
D
G
** For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
„ Starting TJ = 25°C, L = 1.65mH
RG = 25Ω, IAS = -3.7A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
––– –––
V
VGS = 0V, ID = -250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– -0.009 –––
V/°C Reference to 25°C, ID = -1mA
‚
––– 0.050 0.065
VGS = -4.5V, ID = -3.7A
‚
––– 0.080 0.135
VGS = -2.5V, ID = -3.1A
‚
VGS(th)
Gate Threshold Voltage
-0.40 -0.55 -1.2
V
VDS = VGS, ID = -250μA
gfs
Forward Transconductance
6.0
––– –––
S
VDS = -10V, ID = -3.7A
‚
–––
––– -1.0
VDS = -20V, VGS = 0V
–––
–––
-25
VDS = -20V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 12V
Qg
Total Gate Charge
–––
8.0
12
ID = -3.7A
Qgs
Gate-to-Source Charge
–––
1.2
1.8
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.8
4.2
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
350 –––
VDD = -10V
tr
Rise Time
–––
48
–––
ID = -3.7A
td(off)
Turn-Off Delay Time
–––
588 –––
RG = 89
Ω
tf
Fall Time
–––
381 –––
RD = 2.7
Ω
Ciss
Input Capacitance
–––
633 –––
VGS = 0V
Coss
Output Capacitance
–––
145 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
110 –––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com