Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACFF-1024 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFF-1024
Description  ISM Bandpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFF-1024 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFF-1024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ACFF-1024 Electrical Specifications [2], Z0 = 50 Ω, Tc [1]
Symbol
Parameter
Units
-30
°C to +85 °C
-40
°C
Min Typ [3]
Max Typ
S21
Insertion Loss [4]
2402.5 – 2421.5 MHz (Wi-Fi Ch 1)
2407.5 – 2426.5 MHz (Wi-Fi Ch 2)
2412.5 – 2471.5 MHz (Wi-Fi Ch 3 – 11)
2457.5 – 2476.5 MHz (Wi-Fi Ch 12)
2462.5 – 2481.5 MHz (Wi-Fi Ch 13)
dB
1.6
1.4
1.3
1.5
1.7
2.6
2.2
2.0
2.1
3.0
1.8
1.6
1.3
1.5
1.6
ΔS21
Amplitude Ripple (p-p) [4], +25
°C
2402.5 – 2421.5 MHz (Wi-Fi Ch 1)
2407.5 – 2426.5 MHz (Wi-Fi Ch 2)
2412.5 – 2471.5 MHz (Wi-Fi Ch 3 – 11)
2457.5 – 2476.5 MHz (Wi-Fi Ch 12)
2462.5 – 2481.5 MHz (Wi-Fi Ch 13)
dB
1.0
0.8
0.7
0.6
1.0
1.4
1.1
0.9
0.7
0.9
S21
Attenuation, 800 – 2300 MHz
dB
45
54
54
S21
Attenuation [5] in LTE Band 40, 2300 – 2365 MHz
dB
50
53
52
S21
Attenuation [5] in LTE Band 40, 2365 – 2370 MHz
–40
°C
–30
°C to +25 °C
+25
°C to +55 °C
+55
°C to +85 °C
dB
50
43
30
58
58
53
58
S21
Attenuation [5] in LTE Band 7 (WiMAX), 2500 – 2505 MHz
–40
°C
–30
°C to –10 °C
–10
°C to +25 °C
+25
°C to +85 °C
dB
42
52
55
56
59
64
64
S21
Attenuation [5] in LTE Band 7 (WiMAX), 2505 – 2690 MHz
dB
57
67
68
S21
Attenuation [5] in LTE Band 38, 2570 – 2620 MHz
dB
55
68
68
S21
Attenuation, 2690 – 7500 MHz
dB
40
55
55
2H
2nd Harmonic Level, CW Tone, 2442 MHz, 22.5 dBm at Port 1
dBc
57
67
S11, S22 Return Loss (SWR), 2402.5 – 2481.5 MHz, +25
°C
dB
9
16 (1.4) (2.1) 16 (1.4)
Notes:
1. Tc is the case temperature and is defined as the temperature of the underside of the Filter where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature, unless otherwise noted.
3. Unless otherwise noted, Typical data is the average value (arithmetic mean) of the parameter over the indicated band at 25
°C.
4. Channel average Insertion Loss, which is obtained by averaging |S21| over the center 19 MHz of channels and converting to dB value.
5. Channel average Insertion Loss, which is obtained by averaging |S21| over 5 MHz channels and converting to dB value.
Absolute Maximum Ratings [1]
Parameter
Unit
Value
Storage temperature
°C
–40 to +125
Maximum RF Input Power to Pin 1
(Port 1, Tx/Rx) [4]
dBm
+27
Maximum Recommended Operating Conditions [2]
Parameter
Unit
Value
Operating temperature, Tc [3]
°C
–40 to +85
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. The device will function over the recommended range without degradation in reliability or permanent change in performance, but is not
guaranteed to meet electrical specifications.
3. Tc is defined as case temperature, the temperature of the underside of the Filter where it makes contact with the circuit board.
4. The ACFF-1024 is not symmetrical. Port 1 (Pin 1) is designed for higher power handling and is connected to the Tx/Rx blocks; Port 2 (Pin 4) is
connected to the system antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com