Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-6007 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-6007
Description  LTE Band 7 Duplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-6007 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-6007 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-6007 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ACMD-6007 Electrical Specifications [2], Z0=50
:, TC[1] as indicated
Symbol
Parameter
Units
–20°C
+25°C
+85°C
Min
Typ [3]
Max
Min
Typ [3]
Max
Min
Typ [3]
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band
(2620 – 2690 MHz)
dB
2.5
1.6
2.5
2.5
S22
Return Loss (SWR) of Receive Port in
Receive Band
(2620 – 2690 MHz)
dB
9.5
(2.0)
9.5
17
(1.3)
(2.0)
9.5
(2.0)
S23
Attenuation in Transmit Band
(2500 – 2570 MHz)
dB
45
45
57
45
S23
Attenuation, 1 – 2380 MHz
dB
30
30
32
30
S23
Attenuation, 2380 – 2450 MHz
dB
35
35
48
35
S23
Attenuation, 2450 – 2484 MHz
dB
35
35
51
35
S23
Attenuation, 2775 – 6000 MHz
dB
20
20
38
20
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band
(2500 – 2570 MHz)
dB
2.0
1.8
2.0
2.1
S11
Return Loss (SWR) of Transmit Port in
Transmit Band
(2500 – 2570 MHz)
dB
10
(1.9)
10
18
(1.3)
(1.9)
10
(1.9)
S31
Attenuation in Receive Band
(2620 – 2690 MHz)
dB
45
45
58
45
S31
Attenuation, 10 – 1574 MHz
dB
30
30
42
30
S31
Attenuation in GPS Rx Band
(1574.42 – 1576.42 MHz)
dB
45
45
57
45
S31
Attenuation, 1577 – 1680 MHz
dB
25
25
50
25
S31
Attenuation, 1845 – 1880 MHz
dB
30
30
42
30
S31
Attenuation, 2110 – 2170 MHz
dB
30
30
34
30
S31
Attenuation, 2400 – 2450 MHz
dB
30
30
57
30
S31
Attenuation in Transmit
2nd Harmonic Band
(5000 – 5140 MHz)
dB
20
20
39
20
S31
Attenuation, 5150 – 5850 MHz
dB
20
20
35
20
S31
Attenuation, 7500 – 7710 MHz
dB
20
20
37
20
Antenna Port
S33
Return Loss (SWR) of Ant Port in Rx
Band (2620 – 2690 MHz)
dB
10
(1.9)
10
18
(1.3)
(1.9)
10
(1.9)
S33
Return Loss (SWR) of Ant Port in Tx Band
(2500 – 2570 MHz)
dB
10
(1.9)
10
16
(1.3)
(1.9)
10
(1.9)
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
(2620 – 2690 MHz)
dB
50
50
58
50
S21
Tx-Rx Isolation in Transmit Band
(2500 – 2570 MHz)
dB
55
55
61
55
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com