Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-6103 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-6103
Description  Band 3 Duplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-6103 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-6103 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-6103 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ACMD-6103 Electrical Specifications [2], Z0=50 Ω, TC[1] as indicated.
Ant, Rx Z0 = 50 Ω, Tx port includes matching to 50 Ω as shown in Figure 1.
Symbol
Parameter
Units
– 20
°C
+25
°C
+85
°C
Min.
Max.
Min.
Typ. [3]
Max.
Min.
Max.
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band
(1805 – 1880 MHz)
dB
4.0
1.4
3.5
4.0
S23
Insertion Loss, Average any 10 MHz
channel within Rx Band
dB
3.7
1.5
3.7
3.7
S23
Insertion Loss Flatness any 5 MHz
within Rx Band
dB
1.5
0.2
1.5
1.5
S23
Attenuation, 10 – 1710 MHz
dB
30
30
40
30
S23
Attenuation in Transmit Band [4]
(1710 – 1785 MHz)
dB
45
45
65
45
S23
Attenuation, 1965 – 2400 MHz
dB
25
25
49
25
S23
Attenuation, ISM Band
(2400 – 2484 MHz)
dB
30
30
62
30
S23
Attenuation, 2484 – 4000 MHz
dB
25
25
67
25
S22
Return Loss (SWR) of Rx Port in Rx Band
(1805 – 1880 MHz)
dB
9
(2.1)
9
18 (1.3) (2.1)
9
(2.1)
S33
Return Loss (SWR) of Ant Port in Rx Band
(1805 – 1880 MHz)
dB
9
(2.1)
9
19 (1.3) (2.1)
9
(2.1)
Transmit Port to Antenna Port
ZTx
Impedance of Transmit Port
Ω
34 +j0.7
S31
Insertion Loss in Transmit Band [4]
(1710 – 1785 MHz)
dB
3.5
1.4
3.2
3.5
S31
Insertion Loss in Transmit Band [4] [5]
(1712.4 – 1782.6 MHz)
dB
3.3
1.4
3.0
3.3
S31
Insertion Loss, Average [4]
10 MHz channels within Tx Band
dB
2.7
1.4
2.7
2.7
S31
Insertion Loss Flatness [4]
any 5 MHz within Tx Band
dB
1.5
0.2
1.5
1.5
S31
Insertion Loss Flatness [4]
any 10 MHz within Tx Band
dB
2.5
0.3
2.5
2.5
S31
Attenuation, 10 – 1565.4 MHz
dB
30
30
41
30
S31
Attenuation, Wideband GPS Band
(1565.4 – 1573.3 MHz)
dB
38
38
44
38
S31
Attenuation , in GPS L1 Band
(1573.3 – 1577.5 MHz)
dB
38
38
43
38
S31
Attenuation, Wideband GPS
(1577.5 – 1585.4 MHz)
dB
35
35
41
35
S31
Attenuation, GLONASS
(1597.6 – 1605.9 MHz)
dB
35
35
38
35
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx port equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.
4. Tx port includes matching to 50
Ω as shown in Figure 1.
5. Integrated Insertion Loss over any 3.84 MHz channel within the band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com