Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-7409 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7409
Description  Miniature PCS Band Duplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7409 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7409 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7409 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ACMD-7409 Electrical Specifications, Z0 = 50 Ω, TC[1,2] as indicated
Symbol Parameter
Units
– 30°C[2]
+25°C[2]
+85°C[2]
Min
Typ[3] Max
Min
Typ[3] Max
Min
Typ[3] Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band
(1930.5 – 1989.5 MHz)
dB
3.8
1.5
3.5
3.5
ΔS23
Ripple (p-p) in Receive Band
dB
3.0
1.5
2.6
2.6
S22
Return Loss of Receive Port
in Receive Band
dB
9.5
9.5
17
9.5
S23
Attenuation in Transmit Band
(1850.5 – 1909.5 MHz)
dB
52
52
56
52
S23
Attenuation 0 – 1600 MHz
dB
20
31
S23
Attenuation in Receive 2nd
Harmonic Band
(3861 – 3979 MHz)
dB
18
19
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band
(1850.5 – 1909.5 MHz)
dB
3.0
1.1
3.0
3.5[4]
ΔS31
Ripple (p-p) in Transmit Band
dB
2.3
0.9
2.3
2.8
S11
Return Loss of Transmit Port
in Transmit Band
dB
9.5
9.5
20
9.5
S31
Attenuation in Receive Band
(1930.5 – 1989.5 MHz)
dB
43
43
48
43
S31
Attenuation 0 – 1600 MHz
dB
22
34
S31
Attenuation in Transmit 2nd
Harmonic Band
(3701 – 3819 MHz)
dB
8
13
Antenna Port
S33
Return Loss of Antenna Port in
Receive Band
(1930.5 – 1989.5 MHz)
dB
9
9
16
9
S33
Return Loss of Antenna Port in
Transmit Band
(1850.5 – 1909.5 MHz)
dB
9
9
19
9
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
(1930.5 – 1989.5 MHz)
dB
45
45
48
45
S21
Tx-Rx Isolation in Transmit Band
(1850.5 – 1909.5 MHz)
dB
54
54
58
54
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time. Refer
to “Characterization” section for measurement details.
4. At Tx input power between +26 dBm and +29 dBm, the Insertion Loss at the upper edge of the Tx band (1907– 1909.5 MHz) will be slightly
degraded. From 1907 to 1909.5 MHz, the maximum Insertion Loss specification at Tc = +85°C is guaranteed to +26 dBm input power.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com