Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-7606 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7606
Description  UMTS Band 8 Duplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7606 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7606 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7606 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ACMD-7606 Electrical Specifications [2], Z0=50
:, TC[1] as indicated
Symbol
Parameter
Units
–20°C
+25°C
+85°C
Min
Typ [3]
Max
Min
Typ [3]
Max
Min
Typ [3]
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Channels [4]
(927.4 – 957.6 MHz)
dB
3.0
2.2
3.0
3.0
S22
Return Loss (SWR) of Receive Port in
Receive Band
dB
8.5
(2.2)
8.5
10
(1.9)
(2.2)
8.5
(2.2)
S23
Attenuation in Transmit Band
(880 – 915 MHz)
dB
45
45
55
45
S23
Attenuation, 0 – 835 MHz
dB
28
28
32
28
S23
Attenuation, 835 – 870 MHz
dB
30
30
32
30
S23
Attenuation, 1805 – 1875 MHz
dB
35
35
37
35
S23
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
30
30
40
30
S23
Attenuation, 2685 – 2790 MHz
dB
22
22
27
22
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Channels [4]
(882.4 – 912.6 MHz)
dB
2.7
2.2
2.7
2.7
S11
Return Loss (SWR) of Transmit Port in
Transmit Band
dB
8.5
(2.2)
8.5
10
(1.9)
(2.2)
8.5
(2.2)
S31
Attenuation in Receive Band
(925 – 960 MHz)
dB
44
44
56
44
S31
Attenuation, 0 – 820 MHz
dB
32
32
39
32
S31
Attenuation in GPS Rx Band
(1574.42 – 1576.42 MHz)
dB
27
27
30
27
S31
Attenuation in Transmit
2nd Harmonic Band
(1760 – 1830 MHz)
dB
25
25
30
25
S31
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
27
27
30
27
S31
Attenuation, 2640 – 2745 MHz
dB
22
22
30
22
Antenna Port
S33
Return Loss (SWR) of Ant Port in Rx
Band (925 – 960 MHz)
dB
8.5
(2.2)
8.5
10
(1.9)
S33
Return Loss (SWR) of Ant Port in Tx Band
(880 – 915 MHz)
dB
8.5
(2.2)
8.5
10
(1.9)
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
(925 – 960 MHz)
dB
50
50
55
S21
Tx-Rx Isolation in Transmit Band
(880 – 915 MHz)
dB
52
52
60
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx port equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.
4. Integrated Insertion Loss over any 3.84 MHz channel within the band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com