Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-7609 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7609
Description  UMTS Band 4 / CDMA AWS-1 Duplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7609 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7609 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ACMD-7609 Electrical Specifications [2], Z0=50
Ω, TC[1] as indicated
Symbol
Parameter
– 20°C
+25°C
+85°C
Units
Min
Typ [3]
Max
Min
Typ [3]
Max
Min
Typ [3]
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Channels [4]
(UMTS 2112.4 – 2152.6 MHz)
dB
2.0
1.3
2.0
2.0
S23
Insertion Loss in Receive Channels
(CDMA 2110 – 2155 MHz)
dB
2.2
1.3
2.2
2.2
S22
Return Loss (SWR) of Receive Port in
Receive Band (2110 – 2155 MHz)
dB
9.0
(2.1)
9.0
15
(1.4)
(2.1)
9.0
(2.1)
S23
Attenuation in Transmit Band
(1710 – 1755 MHz)
dB
48
48
53
48
S23
Attenuation, 1 – 1710 MHz
dB
35
35
54
35
S23
Attenuation, 2240 – 2400 MHz
dB
35
35
43
35
S23
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
32
32
43
32
S23
Attenuation, 2484 – 3600 MHz
dB
32
32
44
32
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Channels [4]
(UMTS 1712.5 – 1752.5 MHz)
dB
1.9
1.3
1.9
1.9
S31
Insertion Loss in Transmit Channels
(CDMA 1710 – 1755 MHz)
dB
2.1
1.3
2.1
2.1
S11
Return Loss (SWR) of Transmit Port in
Transmit Band (1710 – 1755 MHz)
dB
9.0
(2.1)
9.0
18
(1.3)
(2.1)
9.0
(2.1)
S31
Attenuation in Receive Band
(2110 – 2155 MHz)
dB
45
45
55
45
S31
Attenuation, 10 – 1574 MHz
dB
30
30
47
30
S31
Attenuation in GPS Rx Band
(1574.42 – 1576.42 MHz)
dB
43
43
46
43
S31
Attenuation in Bluetooth Band
(2400 – 2483.5 MHz)
dB
35
35
41
35
S31
Attenuation in Transmit 2nd
Harmonic Band
(3420 – 3510 MHz)
dB
35
35
49
35
S31
Attenuation in Transmit 3rd
Harmonic Band
(5130 – 5265 MHz)
dB
5
5
11
5
Antenna Port
S33
Return Loss (SWR) of Ant Port in Rx
Band (2110 – 2155 MHz)
dB
9.0
(2.1)
9.0
15
(1.4)
(2.1)
9.0
(2.1)
S33
Return Loss (SWR) of Ant Port in Tx
Band (1710 – 1755 MHz)
dB
9.0
(2.1)
9.0
16
(1.4)
(2.1)
9.0
(2.1)
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
(2110 – 2155 MHz)
dB
50
50
58
50
S21
Tx-Rx Isolation in Transmit Band
(1710 – 1755 MHz)
dB
53
53
60
53
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx port equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.
4. Integrated Insertion Loss over any 3.84 MHz channel within the band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com