Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4521 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4521
Description  RS-422/485 Repeater
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4521 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4521 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-4510/S
ADAM-4520
ADAM-4521
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
(RS-422/485)
ƒ
Isolation Voltage
3,000 VDC (ADAM-4510S)
ƒ
Power Consumption 1.4 W @ 24 VDC
Serial Communications
ƒ
Input
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Output
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
Specifications
General
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-422/485)
1 x DB9-F (RS-232)
ƒ
Isolation Voltage
1,000 VDC
ƒ
Power Consumption 1.0 W @ 24 VDC
ƒ
Built-in microprocessor and watchdog timer
Serial Communications
ƒ
Input
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Output
RS-232 (DB9)
ƒ
Speed Modes (bps) 300, 600, 1,200, 2,400,
4,800, 9,600, 19.2 k,
38.4 k, 57.6 k, 115.2 k
(software configurable)
ƒ
RS-232 and 485 can be set to different
baudrates
ƒ
RS-485 surge protection and automatic
RS-485 data flow control
ƒ
Software configurable to either addressable
or non-addressable mode
Specifications
General
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-422/485)
1 x DB9-F (RS-232)
ƒ
Isolation Voltage
3,000 VDC
ƒ
Power Consumption 1.2 W @ 24 VDC
Serial Communications
ƒ
Input
RS-232 (DB9)
ƒ
Output
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
RS-422/485 Repeater
Isolated RS-232 to RS-422/485 Converter
Addressable RS-422/485 to RS-232 Converter
ADAM-4521
ADAM-4520
ADAM-4510/4510S
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 VDC w/ power reversal protection
Environment
ƒ
Operating Humidity
5 ~ 95% RH
ƒ
Operating
- 10 ~ 70°C (14 ~ 158°F)
Temperature
ƒ
Storage Temperature - 25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-4510
RS-422/485 Repeater
ƒ
ADAM-4510S
Isolated RS-422/485
Repeater
ƒ
ADAM-4520
Isolated RS-232 to
RS-422/485 Converter
ƒ
ADAM-4521
Addressable
RS-422/485 to RS-232
Converter
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-4521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4521 ADVANTECH-ADAM-4521 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4521 ADVANTECH-ADAM-4521 Datasheet
486Kb / 1P
RS-422/485 Repeater
26-Mar-2021
More results

Similar Description - ADAM-4521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
RS-485/RS-422 Differential Bus Repeater
logo
ORing Industrial Networ...
ISC-1212-I ORING-ISC-1212-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510_V01 Datasheet
486Kb / 1P
RS-422/485 Repeater
26-Mar-2021
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
BB-485OPDRI ADVANTECH-BB-485OPDRI Datasheet
480Kb / 2P
Industrial Isolated RS-422/485 Repeater
RS-422 ADVANTECH-RS-422 Datasheet
194Kb / 2P
Heavy Industrial RS-422/485 Isolated Repeater
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
BB-485OPDR ADVANTECH-BB-485OPDR Datasheet
283Kb / 1P
RS-422/485 Repeater, Industrial
27-Nov-2019
ULI-234TCL ADVANTECH-ULI-234TCL Datasheet
1Mb / 4P
Optically Isolated RS-422/485 Repeater/Extender
19-Oct-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com