Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1608EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Octal SMBus-to-Parallel I/O Expanders
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2000 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Note: MAX1608/MAX1609 do not have a heat slug.
Package Information
Typical Operating Circuits (continued)
N-CH
+12V
MAX1608
I00
SMBUS
TO/
FROM
HOST
+2.7V TO +5.5V
V+
I02
I01
LOAD1
LOAD2
LOAD3
ALERT
0.1
µF
100k
100k
100k
SMBCLK
SMBDATA
SMBSUS
ADD0
I07
GND
ADD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com