Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4561-CE. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4561-CE.
Description  Multi-mode Fiber Optic to RS-232/422/485 Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4561-CE. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4561-CE. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules: ADAM-4000
Common Specifications
Environment
ƒ
Operating Humidity
5 ~ 95% RH
ƒ
Operating
ADAM-4541/4542+: -10 ~ 70°C (14 ~ 158°F)
Temperature
ADAM-4561/4562: -10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
-25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-4541
Multi-mode Fiber
to RS-232/422/485
Converter
ƒ
ADAM-4542+
Single-mode Fiber
to RS-232/422/485
Converter
ƒ
ADAM-4561
1-port Isolated USB
to RS-232/422/485
Converter
ƒ
ADAM-4562
1-port Isolated USB to
RS-232 Converter
Multi-mode Fiber Optic to RS-232/422/485
Converter
Single-mode Fiber Optic to RS-232/422/485
Converter
1-port Isolated USB to RS-232/422/485
Converter
Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 VDC
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-232/422/485)
2 x ST fiber connector
ƒ
Power Consumption 1.5 W @ 24 VDC
ƒ
Operation Modes
Support Point-to-Point,
and Ring (half-duplex)
Fiber Optic Communications
ƒ
Optical Power Budget15 dB (measured with
(Attenuation)
62.5/125 μm)
ƒ
Transmission
2.5 km
Distance
ƒ
Transmission Mode Multi mode
(Send and Receive)
ƒ
Wavelength
820 nm
Serial Communications
ƒ
Communication
Asynchronous
Mode
ƒ
Speed Modes (bps) 1200, 2400, 4800, 9600,
19.2 k, 38.4 k, 57.6k,
115.2 k and RS-232/422
mode (switchable)
ƒ
Transmission Mode Full/half duplex,
bidirectional
Specifications
General
ƒ
Power Input
Unregulated 12 ~ 24 VDC
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-232/422/485)
1 x SC fiber connector
ƒ
Power Consumption 3 W @ 24 VDC
ƒ
Operation Modes
Support Point-to-Point,
Redundant and Ring
(half-duplex)
Fiber Optic Communications
ƒ
Optical Power Budget15 dB
(Attenuation)
ƒ
Transmission
15 km
Distance
ƒ
Transmission Mode Single mode
(Send and Receive)
ƒ
Wavelength
1310 nm
Serial Communications
ƒ
Communication
Asynchronous
Mode
ƒ
Speed Modes (bps)* 1200, 2400, 4800, 9600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, 230.4 k, 460.8 k,
921.6 k and RS-232/422
mode (switchable)
ƒ
Transmission Modes Full/half duplex,
bidirectional
* The highest speed for RS-232 mode is 115.2 kbps
ADAM-4541
ADAM-4542+
ADAM-4541
ADAM-4542+
ADAM-4561/4562
ADAM-4561/4562
Specifications
General
ƒ
Connectors
Network: USB-type A connector (type A to type B
cable provided)
Serial:
ADAM-4561
1 x plug-in terminal
(#14 ~ 22 AWG)
(3-wire
RS-232/422/485)
ADAM-4562
1 x DB-9 serial
connectors
(9-wire RS-232)
ƒ
Isolation Voltage
ADAM-4561:
3,000 VDC
ADAM-4562:
2,500 VDC
ƒ
Power Consumption
ADAM-4561:
1.5 W @ 5 V
ADAM-4562:
1.1 W @ 5 V
ƒ
Driver Support
ADAM-4561/4562:
Windows 2000/XP/
Vista/7/8 (32&64-bit)
ƒ
USB Specification Compliance
ADAM-4561:
USB 2.0
ADAM-4562:
USB 2.0
Serial Communications
ƒ
Speed Modes (bps)
ADAM-4561:
600 bps to 115.2 kbps
ADAM-4562:
75 bps to 115.2 kbps
ƒ
Transmission Modes Full/half duplex,
bidirectional
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Date updated: 24-Jun-2015


Similar Part No. - ADAM-4561-CE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4561-CE ADVANTECH-ADAM-4561-CE Datasheet
378Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
11-Jul-2023
More results

Similar Description - ADAM-4561-CE.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
ADAM-4541 ETC-ADAM-4541 Datasheet
767Kb / 1P
Fiber Optic to RS-232/422/485 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
708Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4542+ ADVANTECH-ADAM-4542+ Datasheet
146Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541_16 Datasheet
316Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
USB to RS-232/422/485 Isolated Converter
1-Jul-2022
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com