Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNO2184G1401E-T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO2184G1401E-T
Description  Intel짰 Core??i3 Automation Computer with 2 x GbE, 2 x COM Ports, DVI-I/HMDI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO2184G1401E-T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO2184G1401E-T Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Automation Computers
Features
UNO2184G1401E-T Intel®Core™i3AutomationComputer
with 2 x GbE, 2 x COM Ports, DVI-I/HMDI
I/O Interfaces
ƒ
Serial Ports
2 x RS-232/422/485 with DB9
connectors; automatic RS-485 data flow control
ƒ
Serial Port Speed
RS-232: 50 ~ 115.2 kbps
RS-422/485: 50 ~ 115.2 kbps (Max.)
ƒ
LAN
2 x 10/100/1000Base-T RJ-45 ports
Supports wake on LAN and built-in boot ROM in flash
BIOS
ƒ
USB Ports
6 x USB 2.0
Environment
ƒ
Humidity
95% @ 40°C (non-condensing)
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 149°F) @ 5 ~ 85% RH.
(with air flow)
ƒ
Shock Protection
IEC 60068-2-27
CompactFlash: 50 G @ wall mount, half sine, 11 ms
HDD: 20 G @ wall mount, half sine, 11 ms
ƒ
Vibration Protection
IEC 60068-2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash: 2 Grms @ 5 ~ 500 Hz,
HDD: 1 Grms @ 5 ~ 500 Hz
Ordering Information
ƒ
UNO2184G1401E-T
Intel Core i3-3217UE 1.60GHz, 2G RAM Automation
computer
Accessories
ƒ
UNO-FPM21-AE
UNO-2000 series VESA mount kit
ƒ
PCLS-DIAGAW10
Advantech Remote Monitoring & Diagnosis Utility
ƒ
UNO-2184HD-AE
2nd HDD kit for UNO-2184G
ƒ Onboard Intel Core i3-3217UE, 1.60GHz processor
ƒ 2 x RS-232/422/485 ports with automatic flow control
ƒ 2 x 10/100/1000Base-T Ethernet
ƒ DVI-I, HDMI support 2 independent display
ƒ 6 x USB 2.0 ports
ƒ Audio with Line-in, Mic-in, Line out
ƒ 1x Mini PCIe socket
ƒ Windows® WES 2009, WES 7 ready solution
ƒ External accessible CFast slot
ƒ Onboard system status LED indicators
ƒ Supports wake on LAN and boot from LAN function
ƒ Isolation between chassis and power ground
ƒ IP40 ingress protection
Specifications
General
ƒ
Certification
CE, UL, CCC, FCC Class A, BSMI
ƒ
Dimension (W x D x H)
255 x 152 x 69 mm (10" x 6.0" x 2.7")
ƒ
Enclosure
Aluminum
ƒ
Mounting
DIN-rail, Wallmount, VESA
ƒ
Power Consumption
40 W (Typical)
ƒ
Power Requirements
9 ~ 36 VDC (e.g +24V @ 3A) (Min. 72W), AT/ATX
ƒ
Weight
3.0 kg
ƒ
OS Support
Windows XP/7, WES7, WES-2009
ƒ
System Design
Fanless with no internal cabling
ƒ
Remote Management
Built-in Advantech DiagAnywhere agent on WES2009 /
WES7
System Hardware
ƒ
CPU
Intel Core i3-3217UE 1.60GHz (3M Cache)
ƒ
Memory
2 GB DDR3 SDRAM built-in
ƒ
Indicators
LEDs for Power, battery, LAN (Active, Status) and Serial
port (Tx, Rx)
ƒ
Keyboard/Mouse
1 x PS/2
ƒ
Storage
CF: 1 x CFast slot
HDD: One built-in 2.5" SATA HDD bracket
(2 x HDD by project support)
ƒ
Display
1x DVI-I, 1x HDMI display
ƒ
Watchdog Timer
Programmable 256 levels timer interval, from 1 to 255 sec
ƒ
Mini PCIe expansion
1x Mini PCIe socket
Introduction
UNO2184G1401E-T is high-performance Intel 3rd generation Core i3-3217UE grade controller that support DVI-I/HDMI display, 2 x GbE, 2 x serial ports, 1 x CFast and 6 x USB
ports. It is also compatible with Windows7. The 2 x Gigabit LANs on the UNO2184G1401E-T support teaming function with fault tolerance, link aggregation and load balance features.
NEW


Similar Part No. - UNO2184G1401E-T

ManufacturerPart #DatasheetDescription
logo
Arduino
UNO ARDUINO-UNO Datasheet
719Kb / 14P
Arduino® UNO R3
30/04/2024
logo
Advantech Co., Ltd.
UNO-1000 ADVANTECH-UNO-1000 Datasheet
1Mb / 2P
UNO-1000 Series Accessories
UNO-1019 ADVANTECH-UNO-1019 Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-1019ACE-A1E ADVANTECH-UNO-1019ACE-A1E Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-1019ACE-A2E ADVANTECH-UNO-1019ACE-A2E Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
More results

Similar Description - UNO2184G1401E-T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2182 ADVANTECH-UNO-2182 Datasheet
584Kb / 1P
Intel짰 Core??2 Duo Fanless Box PC with 2 x GbE, 4 x COM, DVI
UNO-3272 ADVANTECH-UNO-3272 Datasheet
352Kb / 1P
Intel짰 Core??2 Duo/Celeron짰 M Fanless Box PC with PCI/PCIe, 2 x GbE, 4 x COM, DVI
UNO-2174G ADVANTECH-UNO-2174G Datasheet
219Kb / 1P
Intel짰 Celeron짰 Automation Computers with 4 x GbE, 2 x Mini PCIe, DVI/DP/HDMI
UNO-2184G ADVANTECH-UNO-2184G Datasheet
219Kb / 1P
Intel짰 Core??i7 Automation Computer with 4 x GbE, 2 x Mini PCIe, DVI/DP/HDMI
UNO-2272G ADVANTECH-UNO-2272G_15 Datasheet
626Kb / 2P
Intel짰 Atom??Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA
UNO-3072A ADVANTECH-UNO-3072A_14 Datasheet
226Kb / 1P
Intel짰 Atom??D510 Automation Computer with 2 x PCI, 2 x GbE, and FireWire
UNO-3072LA ADVANTECH-UNO-3072LA_14 Datasheet
191Kb / 1P
Intel짰 Atom??N270 Automation Computer with 2 x PCI, 2 x GbE, DVI
UNO-3082 ADVANTECH-UNO-3082_14 Datasheet
231Kb / 1P
Intel짰 Core??2 Duo Automation Computer with Dual DVI, 2 x PCI and FireWire
UNO-3283G ADVANTECH-UNO-3283G Datasheet
1Mb / 3P
Intel® Core™ i7/ i5/ i3 Automation Computer with 2/4 PCI(e) Expansion Slots, 2 x GbE, 2 x mPCIe, HDMI, DVI-I
10-Aug-2022
UNO-3285C ADVANTECH-UNO-3285C Datasheet
755Kb / 2P
Intel® Core™ i7/Celeron G3902E Automation Computer with 4 PCI(e) expansion slots, 2 x GbE, 2 x mPCIe, HDMI, DVI-I
12-Apr-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com