Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8CLJQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 8CLJQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8CLJQ045 Datasheet(HTML) 2 Page - International Rectifier

  8CLJQ045 Datasheet HTML 1Page - International Rectifier 8CLJQ045 Datasheet HTML 2Page - International Rectifier 8CLJQ045 Datasheet HTML 3Page - International Rectifier 8CLJQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8CLJQ045
2
www.irf.com
Part number
8CLJQ045
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
45
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
8.5
A
50% duty cycle @ TC = 100°C, rectangular waveform
See Fig. 5
IFSM Max. Peak One Cycle Non-Repetitive
80
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
3.73
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
1.86
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
1.0
g
Die Size
60X60
mils
Case Style
SMD-0.5
Thermal-Mechanical Specifications
Parameters
Limits Units
Conditions
VFM
Max. Forward Voltage Drop
0.72
V
@ 4A
(Per Leg) See Fig. 1

0.97
V
@ 8A
0.67
V
@ 4A
0.96
V
@ 8A
IRM
Max. Reverse Leakage Current
0.15
mA
TJ = 25°C
VR = rated VR
(Per Leg) See Fig. 2

43
mA
TJ = 125°C
Electrical Specifications
TJ = -55°C
TJ = 25°C
L S
Typical Series Inductance (Per Leg)
4.8
nH
Measured from center of cathode pad to center of
anode pad
CT
Max. Junction Capacitance (Per Leg)
760
pF
VR = 5VDC ( 1MHz, 25°C )
0.58
V
@ 4A
0.92
V
@ 8A
TJ = 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com