Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CS Datasheet(PDF) 1 Page - International Rectifier

Part # 5CS
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

5CS Datasheet(HTML) 1 Page - International Rectifier

  5CS Datasheet HTML 1Page - International Rectifier 5CS Datasheet HTML 2Page - International Rectifier 5CS Datasheet HTML 3Page - International Rectifier 5CS Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
16 Amp, 45V
16CYQ045C
Major Ratings and Characteristics
Description/Features
07/31/01
CASE STYLE
IR Case Style TO-257AA
www.irf.com
1
Characteristics
16CYQ045C Units
IF(AV)
16
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
150
A
VF @ 16Apk, TJ =125°C
0.71
V
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
2
1
3
HIGH EFFICIENCY SERIES
The 16CYQ045C center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of hi-
rel environments. It is packaged in the hermetic isolated
TO-257AA
package. The
device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters. Full
MIL-PRF-19500 quality conformance
testing is available on source control drawings to TX, TXV
and S quality levels.
• Hermetically Sealed
• Ceramic Eyelets
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Lightweight
PD-94289


Similar Part No. - 5CS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
5cs DELTA-5cs Datasheet
488Kb / 5P
WIRE-WOUND CHIP INDUCTOR
logo
Altera Corporation
5CSEA2 ALTERA-5CSEA2 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA4 ALTERA-5CSEA4 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA5 ALTERA-5CSEA5 Datasheet
1Mb / 74P
Cyclone V Device Handbook
5CSEA6 ALTERA-5CSEA6 Datasheet
1Mb / 74P
Cyclone V Device Handbook
More results

Similar Description - 5CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com