Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS Datasheet(PDF) 2 Page - Level One

Part # CMS
Description  Central Management System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

CMS Datasheet(HTML) 2 Page - Level One

  CMS Datasheet HTML 1Page - Level One CMS Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Network Camera
www.level1.com
I one world_one brand_one level_
Technical Specification
CMS v2.0
• General
Full Name
Central Management System v2.0
Maximum Number of NVR
Unlimited
Maximum Number of Clients
Unlimited,Concurrent User Number by PC performances
Maximum Number of Cameras
Unlimited
Compression
H.264, MPEG-4, MJPEG
NVR Management
Import management settings of NVR servers
• Live View
Display Layout Mode
1, 4, 5, 6, 8, 9, 10, 12, 16, 18, 24, 25, 35, 36, 48, 49, 64, Custom
View Manager
An interface to
display layouts and the pre-set cameras within layout in the public or private view
View Patrol
Automatic switch between different views or devices
View Panel
Contains the list of
views for quick launch
Layout Manager
An interface to
display layouts and the pre-set cameras within layouts; full-screen mode available
Device Panel
Drag and drop video source from device panel into display layout
Digital Zoom
Zoom in/out digitally by mouse scroll wheel
Manual Recording / Snapshot
Instant recording to Onesecure Server upon mouse click / Instant snapshot upon mouse click
Event Panel
Display event status upon alarm or upon connection loss or recovery between server and client or when the allocated disk space is full
Two-way audio
Audio sound from and to all the audio supported devices; audio broadcast to multiple devices at the same time
Dual Stream Management
Live view of stream 1 or stream 2 of dual stream devices
• e-Map
Layout
Area maps with camera icons, small live view windows; view linker; source linker; event trigger
Setup
e-Map image upload; camera positioning; vision angle and pointed direction of camera; view positioning; source positioning
PTZ Mode
Mouse PTZ mode to control e-Map video streams
• PTZ
Control
Pan, tilt and zoom controls; speed control; both buttons and overlay controls
Preset Points and Tours
Activate NVR preset points or auto tours between preset points
Joystick
USB based joystick supported
Default Protocol
Auto-detect camera's PTZ protocol. Available protocols: Pelco-P, Pelco-D, Dynacolor, Visca
• Search & Playback
Recording Search
Search video recordings by time, event, channel from multiple NVRs, and listed as clickable thumbnails for full-size view and snapshot download
Playback Control
Continuous forward and backward playback with speeds 1x/2x/4x/8x or frame-by-frame; pause; stop
Synchronized Playback
64 channels
Manual Snapshot
Instant snapshot from playback upon mouse click
Digital Zoom
Zoom in/out digitally by mouse scroll wheel or by zoom control buttons
Video Export
Export video clips in AVI or RAW format; text overlay supported
• Event Management
Event Source
Receive events from multiple Oonsecure servers
Event Trigger
NVR: source loss and recovery; schedule service start and stop; disk status Device: video motion detection;
passive IR sensor; external device through digital input; video loss and recovery; network loss and recovery
Event Response
NVR: play beep sound; execute system command to activate other programs;
E-mail
Device: pop-up window with live video; switch to hotspot window; play beep sound
Manual Event
Manually activate external devices through digital output via live view monitor
• System
Permission Control
Unlimited number of users, Active Directory, Customizable permissions for user groups
Language
Multi-language support
Language Import/Export
Possibility to import or export language packs for convenient local language management
Customizable User Interface
the layout of user interface for live view and playback
• Remote Access
PC Client Program
User interface program (Workstation) with live view, PTZ, playback, e-Map, event management, setup
PC Web Browser
Microsoft Internet Explorer with live view, PTZ, playback, e-Map, event management, setup
Mobile Client Program
Mobile device application (Active Mobile Client) supports live view, PTZ control, event or time based search and playback.
Supported devices: iPhone, iPad, iTouch and Android device
• System Requirements*
Operating System
Windows 7, Windows Server 2008, Windows Server 2003 SP2, Windows XP Professional SP3
Browser
Microsoft Internet Explorer 8.0, 9.0, 10.0
• Integration
Open Platform Solution
Support ONVIF compliant devices
* These specifications are based on following camera settings:
Single stream mode: 1280x1024, 3Mbps, 18fps, MPEG-4
Dual stream mode:
Stream 1 : 1280x1024, 3Mbps,18fps,H.264
Stream 2 : 640x480, High Quality, 18fps, MJPEG
Display Mode
Live Layout
Channels
1-1,600
1,601-Unlimited
Server PC with Local Client
1-16
Intel Core 2 Quad 2.4 GHz, 4GB RAM
Intel i5 2.4 GHz, 4GB RAM
17-64
Intel i5 2.4 GHz, 4GB RAM
Intel i7-920 2.67 GHz, 4GB RAM
Server PC without Local Client
0
Intel Core 2 Quad 2.4 GHz, 4GB RAM
Intel i5 2.4 GHz, 4GB RAM
Remote Client PC
1-16
Intel Core 2 Quad 2.4 GHz, 4GB RAM
Intel i5 2.4 GHz, 4GB RAM
17-64
Intel i5 2.4 GHz, 4GB RAM
Intel i7-920 2.67 GHz, 4GB RAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com