Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1641EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1641EEE
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1641EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VOUT = 6V, Circuit of Figure 2, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: This ratio is generated by a 1:8 clock divider and is not an error source for current calculations.
IN to GND ...............................................................-0.3V to +28V
LDOH to IN ...............................................................+0.3V to -6V
LDOL to GND ...........................................................-0.3V to +6V
PDRV to GND .............................. (VLDOH - 0.3V) to (VIN + 0.3V)
NDRV to GND .........................................-0.3V to (VLDOL + 0.3V)
TOFF, REF, SET, TERM, CC to GND ......-0.3V to (VLDOL + 0.3V)
D0, D1 to GND .........................................................-0.3V to +6V
CS+, CS- to GND ...................................................-0.3V to +28V
PGND to GND.....................................................................±0.3V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) ................... 667mW
Operating Temperature Range
MAX164_EEE ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
IREF = 0 to 50µA
D0 = D1 = low
D0 = D1 = low (off mode)
D0 or D1 = high
VOUT = 2V to 24V
VIN = VOUT + 0.5V to 26V
MAX1641
MAX1641
MAX1640
VIN = 5.5V to 26V, ILOAD = 0 to 20mA
VIN = 5.5V to 26V, ILOAD = 0 to 20mA
MAX1640
CONDITIONS
µA
1
VSET Input Current
mV
4
10
Reference Load Regulation
V
1.96
2.00
2.04
VREF
Reference Voltage
V
4.05
4.20
4.35
VLDOL Undervoltage Lockout
µA
1
Output Current in Off Mode
500
mA
2
4
Quiescent VIN Supply Current
0.1
%/V
0.1
0.4
Output Current Compliance
%/V
0.03
Current-Sense Line Regulation
34
37.5
41
mV
36
42
48
147
150
153
mV
142
150
158
Full-Scale Current-Sense
Threshold
V
VIN -
VIN -
VIN -
5.5
5.0
4.5
VLDOH
Linear-Regulator Output
Voltage, VIN Referenced
V
4.5
5.0
5.5
VLDOL
Linear-Regulator Output
Voltage, Ground Referenced
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
5.5
26
VIN
Input Voltage Range
FET Drive Output Resistance
PFET and NFET drive
12
Ω
Off-Time Range
1
10
µs
Off-Time Accuracy
RTOFF = 62kΩ
1.7
2.2
2.7
µs
Pulse-Trickle Mode Duty-Cycle
Period
D0 = low, D1 = high, RTOFF = 100kΩ
27
33
40
ms
Pulse-Trickle Mode Duty Cycle
(Note 1)
D0 = low, D1 = high, RTOFF = 100kΩ
12.5
%
Quarter-Scale Current-Sense
Threshold
MAX1640
MAX1641
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com