Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1649C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1649C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1649C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
8
_______________________________________________________________________________________
Modes of Operation
When delivering high output currents, the MAX1649/
MAX1651 operate in continuous-conduction mode. In
this mode, current always flows in the inductor, and
the control circuit adjusts the switch duty cycle to main-
tain regulation without exceeding the switch current
capability (Figure 3). This provides excellent load-tran-
sient response and high efficiency.
In discontinuous-conduction mode, current through the
inductor starts at zero, rises to a peak value, then
ramps down to zero. Although efficiency is still excel-
lent, the output ripple increases slightly, and the switch
waveform exhibits ringing (at the inductor's self-reso-
nant frequency). This ringing is to be expected and
poses no operational problems.
Dropout
The MAX1649/MAX1651 are in dropout when the input
voltage (V+) is low enough that the output drops below
the minimum output voltage specification (see
Electrical Characteristics). The dropout voltage is the
difference between the input and output voltage when
dropout
occurs.
See
the
Typical
Operating
Characteristics for the Dropout Voltage vs. Load
Current and Dropout Voltage vs. Temperature graphs.
__________________Design Procedure
Setting the Output Voltage
The MAX1649/MAX1651 are preset for 5V and 3.3V out-
put voltages, respectively; tie FB to GND for fixed-output
operation. They may also be adjusted from 1.5V (the
reference voltage) to the input voltage, using external
resistors R2 and R3 configured as shown in Figure 4. For
adjustable-output operation, 150k
Ω is recommended for
resistor R3—high enough to avoid wasting energy, yet
low enough to avoid RC delays caused by parasitic
capacitance at FB. R2 is given by:
VOUT
R2 = R3 x
(——— -1)
VREF
where VREF = 1.5V.
When using external resistors, it does no harm to con-
nect OUT and the output together, or to leave OUT
unconnected.
Current-Sense Resistor Selection
The current-sense resistor limits the peak switch cur-
rent to 110mV/RSENSE, where RSENSE is the value of
the current-sense resistor, and 110mV is the current-
limit trip level (see
Electrical Characteristics).
V+ = 10V, ILOAD = 1.3A
CIRCUIT OF FIGURE 1, R1 = 75m
Ω
1.5A
0A
1A
2
µs/div
Figure 3. MAX1649 Continuous-Conduction Mode, Heavy
Load-Current Waveform (500mA/div)
(
)
MAX1649
MAX1651
V+
CS
GND
5
6
2
8
3
VIN
C2
330
µF
7
1
EXT
OUT
SHDN
4
C3
0.1
µF
C4
0.1
µF
C1
100
µF
R1
0.05
Ω
D1
1N5820
L1
47
µH
P1
Si9430
OUTPUT
@ 1.5A
REF
FB
R2
R3
150k
R2 = R3
VOUT
VREF
– 1
VREF = 1.5V
Figure 4. Adjustable-Output Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com