Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1660EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1660EEE
Description  Digitally Controlled Fuel-Gauge Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1660EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1660EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1660EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
*
Patent pending
Digitally Controlled
Fuel-Gauge Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V SHDN = VBATT = 12V, VSCL = VSDA = 3.6V, CREF = 10nF, CVL = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT, ODO, OCO, SHDN to GND .........................-0.3V to +30V
SCL, SDA, INT, RST to GND ....................................-0.3V to +6V
REF, ODI, OCI to GND..................................-0.3V to (VL + 0.3V)
VL to GND ................................................................-0.3V to +6V
CS to GND...................................................................-2V to +6V
AGND to GND .............................................................-1V to +1V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C).............667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOCO = 0.4V
VODO = 28V
V SHDN = 3.3V, SOFTSHDN = 0, IVL = 0
VODO = 0.4V
(Note 1)
VCS = 120mV
VCS = 0
0
≤ IREF ≤ 200µA
IREF = 0
V SHDN = 3.3V, SOFTSHDN = 1, IVL = 0
V SHDN ≤ 0.4V
SOFTSHDN = 0, 0
≤ IVL ≤ 5mA
VCS = -120mV
SOFTSHDN = 1, 0
≤ IVL ≤ 5mA
VCS = 0
CONDITIONS
mA
1
2.5
OCO Sink Current
µA
0.01
1
ODO Off-Leakage Current
mA
1
2.5
ODO Sink Current
µs
1
Propagation Delay
µA
-1
0.01
1
OCI, ODI Input Offset Current
mV
-7
0
7
OCI, ODI Input Offset Voltage
49,500
50,000
50,500
counts/
sec
02
12
Charge Coulomb-Counter
Accumulation Rate
49,500
50,000
50,500
counts/
sec
02
12
Discharge Coulomb-Counter
Accumulation Rate
µA
80
135
IBATT
BATT Supply Current
V
428
VBATT
BATT Input Voltage Range
k
Ω
100
CS to AGND Input Resistance
µV/µA
10
50
REF Load Regulation
V
1.96
2.00
2.04
VREF
REF Output Voltage
15
30
0.02
1
V
3.1
3.25
3.4
VVL
VL Output Voltage
3.1
3.25
3.6
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V INT = 0.4V
VSDA = 0.6V
SHDN
SCL, SDA
SHDN, SCL, SDA
VOCO = 28V
mA
2
VOL
INT Output Low Sink Current
mA
6
VOL
SDA Output Low Sink Current
0.6
V
0.8
VIL
Input Low Voltage
V
2.2
VIH
Input High Voltage
µA
0.01
1
OCO Off-Leakage Current
SUPPLY AND REFERENCES
FUEL GAUGE
OVERCURRENT COMPARATOR
INTERFACE-LOGIC LEVELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com