Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPR336CS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPR336CS
Description  rohs compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR336CS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPR336CS Datasheet HTML 1Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 2Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 3Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 4Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 5Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 6Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 7Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 8Page - NICHIA CORPORATION NSPR336CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NICHIA STS-DA1-3425 <Cat.No.141225>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
1.70
2.45
V
Reverse Current
-
-
50
µA
V21
2.30
2.51
V12
2.11
2.30
V11
1.93
2.11
U22
1.77
1.93
Luminous Intensity
U21
1.63
1.77
cd
Color Ranks
Rank R8na
Rank R8nb
x
0.6680
0.6598
0.6915
0.7010
x
0.6742
0.6680
0.7010
0.7080
y
0.3020
0.3106
0.3083
0.2990
y
0.2958
0.3020
0.2990
0.2920
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com