Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM032A Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSSM032A
Description  rohs compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM032A Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSM032A Datasheet HTML 9Page - NICHIA CORPORATION NSSM032A Datasheet HTML 10Page - NICHIA CORPORATION NSSM032A Datasheet HTML 11Page - NICHIA CORPORATION NSSM032A Datasheet HTML 12Page - NICHIA CORPORATION NSSM032A Datasheet HTML 13Page - NICHIA CORPORATION NSSM032A Datasheet HTML 14Page - NICHIA CORPORATION NSSM032A Datasheet HTML 15Page - NICHIA CORPORATION NSSM032A Datasheet HTML 16Page - NICHIA CORPORATION NSSM032A Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NICHIA STS-DA1-3207A <Cat.No.150528>
12
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec, 2reflows,
Precondition: 30°C, 70%RH, 168hr
#1
0/22
Temperature Cycle
JEITA ED-4701
100 105
-40°C(30min)~25°C(5min)~
100°C(30min)~25°C(5min)
100cycles
#1
0/50
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C~65°C~-10°C, 90%RH,
24hr per cycle
10cycles
#1
0/50
High Temperature
Storage
JEITA ED-4701
200 201
TA=100°C
500hours
#1
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
500hours
#1
0/50
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
500hours
#1
0/50
Room Temperature
Operating Life
TA=25°C
B IF=12mA
G IF=20mA
R IF=20mA
500hours
#1
0/50
Temperature Humidity
Operating Life
60°C, RH=90%
B IF=7mA
G IF=10mA
R IF=10mA
500hours
#1
0/50
Low Temperature
Operating Life
TA=-40°C
B IF=12mA
G IF=20mA
R IF=20mA
500hours
#1
0/50
NOTES:
Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria (Value for one LED device (Single color).)
Criteria #
Items
Conditions
Failure Criteria
#1
Forward Voltage(VF)
B IF=20mA
G IF=20mA
R IF=20mA
>U.S.L.×1.1
Luminous Intensity(IV)
B IF=20mA
G IF=20mA
R IF=20mA
<L.S.L×0.7
Reverse Current(IR)
B VR=5V
G VR=5V
R VR=5V
>U.S.L.×2.0
U.S.L. : Upper Specification Limit
L.S.L. : Lower Specification Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com