Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CKQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 60CKQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CKQ045 Datasheet(HTML) 2 Page - International Rectifier

  60CKQ045 Datasheet HTML 1Page - International Rectifier 60CKQ045 Datasheet HTML 2Page - International Rectifier 60CKQ045 Datasheet HTML 3Page - International Rectifier 60CKQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60CKQ045, 1N7071CCT8
2
www.irf.com
Part number
1N7071CCT8
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
45
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
45*
A
50% duty cycle @ TC = 123.6°C, square rectangular
See Fig 5
waveform
IFSM Max. Peak One Cycle Non - Repetitive
400
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits Units
Conditions
TJ
Max.Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 150
°C
RthJC Max. Thermal Resistance, Junction
0.83
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
0.42
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
10.9
g
Die Size
200X200
mils
Case Style
TO-258AA
Thermal-Mechanical Specifications
*IF(AV) current is limited by package
Parameters
Limits Units
Conditions
VFM
Max. Forward Voltage Drop
0.78
V
@ 25A
TJ= -55°C
(Per Leg) See Fig. 1

0.86
V
@ 45A
0.71
V
@ 25A
TJ = 25°C
0.92
V
@ 45A
0.62
V
@ 25A
TJ = 125°C
0.85
V
@ 45A
IRM
Max. Reverse Leakage Current
0.8
mA
TJ = 25°C
VR = rated VR
(Per Leg) See Fig. 2

45
mA
TJ = 125°C
CT
Max. Junction Capacitance (Per Leg)
2600
pF
VR = 5VDC (1MHz, 25°C)
L S
Typical Series Inductance (Per Leg)
8.7
nH
Measured from anode lead to cathode lead
6mm (0.025 in.) from package
Electrical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com