Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6434 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6434
Description  28-31 GHz 4W SMT Packaged Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6434 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6434 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMGP-6434 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum [1] Ratings
Parameter
Specifications
Comments
Description
Pin
Min.
Max.
Unit
Drain Supply Voltage
Vd1
Vd2
6.5
V
Gate Supply Voltage
Vg
-2
0
V
RF Input Power (Pin) [2]
RFIN
24
dBm
CW
Power Dissipation (Pdiss)
20
W
Pdiss = Vd1 x Id1 + Vd2 x Id2 + Pin - Pout
MSL
MSL2
TCH
150
°C
Channel Temperature
TSTG
-65
150
°C
Storage Temperature
Notes:
1. Operation of this device above any one of these maximum parameters may cause permanent damage
2. With the DC (typical bias) and RF applied to the device at board temperature Tb= 25° C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Drain Supply Voltage
Vd1
Vd2
6.0
V
Gate Supply Voltage
Vg
-1
-0.68
-0.35
V
Gate Current @ 17dBm Pin
Ig
1.2
mA
Gate Current @ SS [-20dBm Pin]
Ig
650
uA
Quiescent Drain Supply
Current (Idq)
Vd1
Vd2
600
800
mA
Idq = Id1 + Id2
RF Output Power (Pout)
RFOUT
36
dBm
CW
Frequency Range
28
31
GHz
Thermal Resistance,
θch-b
4.5
°C/W
Channel to board
Base Plate Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com