Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-2008 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-2008
Description  DC??0 GHz SPDT Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-2008 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-2008 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-2008 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AMMC-2008 DC Specifications[1]
Symbol Parameters and Test Conditions
Units
Min. Typ.
Max.
Isel1
Leakage Current at Vsel1 = +0 V, Vsel2 = -3 V
µA
20
Isel1
Leakage Current at Vsel1 = -3 V, Vsel2 = +0 V
µA
-20
Isel2
Leakage Current at Vsel2 = +0 V, Vsel1 = -3 V
µA
20
Isel2
Leakage Current at Vsel2 = -3 V, Vsel1 = +0 V
µA
-20
Note:
1. Backside temperature Tb = 25°C unless otherwise noted.
RF Specifications[1,2] (Zin= Zout= 50Ω, Vsel1 = -3V, Vsel2 = 0V)
Symbol
Parameters and Test Conditions
Freq.
Units
Min.
Typ.
Max.
IL
Insertion Loss, RFin to RFout (ON throw)
2 GHz
dB
1.6
2
25 GHz
1.6
2
40 GHz
2.0
2.3
ISO
Isolation, RFin to RFout (OFF throw)
2 GHz
dB
46
49
25 GHz
30
35
40 GHz
25
28
RLin
Input Return Loss
2 GHz
dB
15
16.5
40 GHz
15
23
RLout-on
Output Return Loss (ON throw)
2 GHz
dB
15
16.5
40 GHz
15
18
RLout-off
Output Return Loss (OFF throw)
2 GHz
dB
4.5
40 GHz
4.5
P-1dB
Input Power at 1 dB Gain Compression
25 GHz
dBm
+14
H2
2nd Harmonic, Pout = +5 dBm
2 GHz
dBc
-48
-45
12 GHz
-43
-40
H3
3rd Harmonic, Pout = +5 dBm
2 GHz
dBc
-60
-50
12 GHz
-60
-50
IP3
Input 3rd Order Intercept Point,
dBm
2 GHz
+27
+32
RFin1=RFin2 = +5 dBm, ∆f=2 MHz
12 GHz
+27
+32
Control Switching Speed[3]
10% – 90% rise time
ps
100
90% – 10% fall time
ps
90
Notes:
1. Data measured in wafer form, Tchuck= 25°C.
2. 100% on-wafer RF test is done at frequency = 2, 10, 20, 30 and 40 GHz, except as noted.
3. Typical Vsel switching speed measured using Pulse Generator Model PG5000A. Measurement limited to rise/fall time of Pulse Generator.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com