Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6333 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6333
Description  18 ??33 GHz 0.2 W Driver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6333 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6333 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6333 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings
Symbols
Parameters
Unist
Maximum
Notes
Vd-Vg
Drain to Gate Voltage
V
14
Vd
Positive Supply Voltage
V
5.5
Vg
Gate Supply Voltage
V
0 to 5
Id
Drain Current
mA
TBD
2
PD
Power Dissipation
W
2.5
2 and 3
Pin
CW Input Power
dBm
20
2
Tch
Operating Channel Temp
qC
+150
4
Tstg
Storage Case Temp.
qC
-65 to +155
Tmax
Maximum Assembly Temp (30 sec max)
qC
+320
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. Functional operation at or near these limitations
will significantly reduce the lifetime of the device.
2. Dissipated power PD is in any combination of DC voltage, Drain Current, input power and power delivered to the load.
3. When operated at maximum PD with a base plate temperature of 85
qC, the median time to failure (MTTF) is significantly reduced.
4. These ratings apply to each individual FET. The operating channel temperature will directly affect the device MTTF. For maximum life, it is
recommended that junction temperatures (Tj) be maintained at the lowest possible levels. See MTTF vs. Tchannel Temperature Table.
DC Specifications/ Physical Properties
Symbols
Parameters and Test Conditions
Units
Values
Id
Drain Supply Current
(Vd=5 V, Vg set for typical IdQ – quiescent current)
mA
230
Vg
Gate Supply Operating Voltage
(IdQ = 230 mA)
V2
Ig
Gate Supply Current
mA
7
RTjc
Thermal Resistance
(Channel-to-Backside)
°C/W
26
Tch
Channel Temperature
°C
115
Thermal Properties
Parameter
Test Conditions
Value
Maximum Power Dissipation
Tbaseplate = 85°C
PD = 2.5W
Tchannel = 150°C
Thermal Resistance (
Tjc)
Vd = 5V
Id = 230mA
PD = 1.15W
Tbaseplate = 85°C
Tjc = 26°C/W
Tchannel = 115°C
Thermal Resistance (
Tjc)
Under RF Drive
Vd = 5V
Id = 430mA
Pout = 24dBm
Pd = 1.89W
Tbaseplate = 85°C
Tjc = 26°C/W
Tchannel = 134°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com