Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6442 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6442
Description  37 - 40 GHz 1W Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6442 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6442 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6442 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings[1,2,3,4]
Symbol
Parameters
Unit
Max
Vd
Positive Supply Voltage[2]
V
5.5
Vg
Gate Supply Voltage
V
-2 to 0
PD
Power Dissipation[2]
W6
Pin
CW Input Power[2]
dBm
20
Tch
Operating Channel Temp.[3,4]
°C
+150
Tstg
Storage Case Temp.
°C
-65 to +155
Tmax
Maximum Assembly Temp (30 sec max)
°C
+260
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
2. Combinations of supply voltage, drain current, input power, and output power shall not exceed PD.
3. These ratings apply to each individual FET
4. The operating channel temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintained at the lowest possible levels.
DC Specifications/ Physical Properties [1]
Symbol
Parameters and Test Conditions
Unit
Min
Typ
Max
Id(q)
Drain Supply Current
(Vd=5 V, Vg set for Id(q)Typical)
mA
700
Vg
Gate Supply Operating Voltage
(Id(q) = 700 (mA))
V
-1.3
-1
-0.7
Tch-bs
Thermal Resistance
(Channel-to-Base Plate)
°C/W
12
Tch
Channel Temperature
°C
150
Note:
1. Assume die epoxied to evaluation RF module at 92.25°C base plate temperature.
RF Specifications [1, 2]
TA= 25°C, Vdd = 5.0 V, Idq =0.7 A, Vg = -1V, Zo=50
:
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Freq
Operational Frequency
GHz
37
40
Gain
Small-signal Gain [2]
dB
20
23
P-1dB
Output Power at 1dB [2] Gain Compression
dBm
28
30
IM3
Relative third Order Inter-modulation Level
'f=20MHz, Po=+18dBm, SCL
dBc
37
RLin
Input Return Loss
dB
8
RLout
Output Return Loss
dB
8
Isolation
Reverse Isolation
dB
50
Note:
1. Small/Large -signal data measured at TA = 25°C.
2. 100% on wafer RF test is done at frequency= 37, 38 and 40GHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com