Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6530 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6530
Description  5??0 GHz Image Reject Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6530 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6530 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-6530 Typical Performance[2,3] (T
A= 25°C, Vg= -1V, IF frequency = 1 GHz, Zo=50 Ω)
Symbol
Parameters and Test Conditions
Units
Gate Pumped
Drain Pumped
F
RF
RF Frequency Range
GHz
5 – 30
5 – 30
F
LO
LO Frequency Range
GHz
5 – 30
5 – 30
F
IF
IF Frequency Range
GHz
DC – 5
DC – 5
Down Conversion
Up Conversion
Down Conversion
P
LO
LO Port Pumping Power
dBm
>10
>0
>10
CG
RF to IF Conversion Gain
dB
-10
-15
-8
RL_RF
RF Port Return Loss
dB
5
5
10
RL_LO
LO Port Return Loss
dB
10
10
5
RL_IF
IF Port Return Loss
dB
10
10
10
IR
Image Rejection Ratio
dB
15
15
15
LO-RF Iso.
LO to RF Port Isolation
dB
22
25
22
LO-IF Iso.
LO to IF Port Isolation
dB
25
25
25
RF-IF Iso.
RF to IF Port Isolation
dB
15
15
15
IIP3
Input IP3, Fdelta=100 MHz,
dBm
18
—
10
Prf = -10 dBm, Plo = 15 dBm
P-1
Input Port Power at 1dB gain
dBm
8
—
0
compression point, Plo=+10 dBm
NF
Noise Figure
dB
10
—
12
Notes:
2. Small/Large signal data measured in a fully de-embedded test fixture form T
A = 25°C.
3. Specifications are derived from measurements in a 50Ω test environment.
AMMC-6530 RF Specifications in Drain Pumped Test Configuration[4,5,6]
(T
A= 25°C, Vg= -1.0V, PLO= +10 dBm, Zo =50 Ω)
Symbol
Parameters and Test Conditions
Units
Min
Typ.
Max
CG
Conversion Gain
f = 7 GHz
dB
-12.0
-10.5
f = 18 GHz
dB
-10.0
-8.0
f = 28 GHz
dB
-12.5
-10.0
IR
Image Rejection Ratio
dB
-23.5
-18
Notes:
4. Performance verified 100% on-wafer.
5. 100% on-wafer RF testing is done at RF frequency = 7, 18, and 28 GHz; IF frequency = 2 GHz.
6. The external 90 degree hybrid coupler is from M/A-COM: PN 2032-6344-00. Frequency 1.0–
2.0 GHz.
AMMC-6530 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Typ.
I
g
Gate Supply Current
mA
0
(under any RF power drive and temperature)
V
g
Gate Supply Operating Voltage
V
-1V
Note:
1. Ambient operational temperature T
A=25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com