Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6640 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6640
Description  DC-50 GHz Variable Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6640 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6640 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6640 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Table 1. AMMC-6640 Absolute Maximum Ratings [1]
Symbol
Parameters
Unit
Minimum
Maximum
VC
Voltage to Control VSWR
V
0
2.5
Pin
RF Input Power
dBm
–
30
Tch
Operating Channel Temperature
°C
–
+150
Tstg
Storage Temperature
°C
-40
+150
Tmax
Maximum Assembly Temperature
°C
+260 for 60s
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for VC and Pin
were determined at an ambient temperature of 25°C unless noted otherwise.
Table 2. AMMC-6640 DC Specifications [1, 2]
Symbol
Parameters
Test Conditions
Unit
Min
Typical
Max
Ic_Vse
Vse Control Current (Min Attenuation)
Vse=1.2 V, Vsh=0
μA
–
–
10.0
Ic _Vse
Vse Control Current (Max Attenuation)
Vse=0 V, Vsh=1.2V
mA
–
–
1.5
Ic_Vsh
Vsh Control Current (Min Attenuation)
Vsh=0 V, Vse=1.2V
μA
–
–
10.0
Ic_Vsh
Vsh Control Current (Max Attenuation)
Vsh=1.2V, Vse=0
mA
–
–
1.5
Notes:
1. Ambient operation temperature TA = 25°C unless otherwise noted.
2. Data obtained from on-wafer measurements.
Table 3. AMMC-6640 RF Specifications [1, 2]
Small/Large -signal data measured on-wafer at TA = 25°C, Zo = 50Ω
Symbol
Parameters and Test Conditions
Units
Freq. [GHz]
Minimum
Typical
Maximum
Minimum Attenuation
(Reference State)
Small-signal S21
Vse = 1.2 V, Vsh = 0
dB
6
1.5
2.5
28
2.5
3.5
26
3
4
38
3.35
4.5
50
4
5.3
Maximum Attenuation
Small-signal S21
Vse = 0 V, Vsh = 1.2V
dB
6
23
25.5
18
23
25.5
26
23
26
38
23
26
50
24
28
RLin and RLout
At Minimum Attenuation
Vse = 1.2V, Vsh = 0V
dB
<50
12
RLin and RLout
At Maximum Attenuation
Vse = 0V, Vsh = 1.2V
dB
<50
10
IIP3
at Minimum Attenuation
dBm
<38
30
P1dB (input)
at Minimum Attenuation
dBm
<40
27
P1dB (input)
at Maximum Attenuation
dBm
<40
27



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com