Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6650 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6650
Description  DC??0 GHz Variable Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6650 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6650 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6650 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Table 1. Absolute Maximum Ratings
Symbol
Parameters and Test Conditions
Unit
Minimum
Maximum
V1
Voltage to Control VSWR
V
0
1.6
V2
Voltage to Control Attenuation
V
0
1.6
Pin
RF Input Power
dBm
-
17
Tch
Operating Channel Temperature
°C
-
+150
Tstg
Storage Temperature
°C
-65
+150
Tmax
Maximum Assembly Temperature
°C
+300
for 60 seconds
Notes:
Operation in excess of any one of these conditions may result in permanent damage to this device.
The absolute maximum ratings for V1, V2 and Pin were determined at an ambient temperature of 25ºC unless noted otherwise.
Table 2. DC Specifications
Symbol
Parameters
Test Conditions
Unit
Min
Typical
Max
Ic_V1_ref
V1 Control Current (Min Attenuation)
V1=1.5 V, V2=0 V
mA
-
1.93
2.0
Ic_V2_ref
V2 Control Current (Min Attenuation)
V1=1.5 V, V2=0 V
uA
-
0.8
2.5
Ic_V1_max
V1 Control Current (Max Attenuation)
V1=0V, V2=1.25 V
uA
-
1.1
2.5
Ic_V2_max
V2 Control Current (Max Attenuation)
V1=0 V, V2=1.25 V
mA
-
1.41
1.5
Notes:
Ambient temperature TA = 25°C
Table 3. RF Specifications (TA = 25°C, Z0 = 50 Ω)
Symbol
Parameters and Test Conditions
Units
Freq. [GHz]
Minimum
Typical
Maximum
Minimum Attenuation
(Reference State)
|S21|
V1 = 1.5 V
V2 = 0.0 V
dB
2
1.1
2.0
20
1.7
2.5
33
2.6
4.0
40
3.1
5.0
Maximum Attenuation
|S21|
V1 = 0.0 V
V2 = 1.25 V
dB
2
24.0
26.4
20
24.5
28.1
33
26.0
32.7
40
27.0
35.7
Return Loss (In/Out)
at Reference State
V1=1.5 V, V2=0.0 V
dB
<40
10
Return Loss (In/Out)
at Max. Attenuation
V1=0.0 V, V2=1.25 V
dB
<40
10
Notes:
Data obtained from on-wafer measurements



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com