Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-5024 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5024
Description  30kHz ??40 GHz Traveling Wave Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
1. All tested parameters guaranteed with measurement accuracy ± 0.5 dB for gain.
Table 1. RF Electrical Characteristics (Freq=22GHz, Vd= 7.0V, Idq=200mA, TA= 25°C, Zin=Zo=50Ω)
Parameter
Min
Typ.
Max
Unit
Small-signal Gain, Gain
12.5
14.8
16.5
dB
Noise Figure, NF
4.6
dB
Output Power at 1dB Gain Compression, P1dB
22
dBm
Third Order Intercept Point;
∆f=100MHz; Pin=-5dBm, OIP3
25
dBm
Input Return Loss, RLin
13
dB
Output Return Loss, RLout
14
dB
Reverse Isolation, Isolation
30
dB
Table 2. RF Electrical Characteristics (Freq=22GHz, Vd= 4.0V, Idq=160mA, TA= 25°C, Zin=Zo=50Ω)
Parameter
Min
Typ.
Max
Unit
Small-signal Gain, Gain
15
dB
Noise Figure, NF
4.6
dB
Output Power at 1dB Gain Compression, P1dB
19
dBm
Third Order Intercept Point;
∆f=100MHz; Pin=-5dBm, OIP3
18.5
dBm
Input Return Loss, RLin
13
dB
Output Return Loss, RLout
14
dB
Reverse Isolation, Isolation
27
dB
Table 3. Recommended Operating Range
(Vd=7V, Vg2=open, Ta= 25°C, otherwise specified)
Description
Specifications
Unit
Comments
Min.
Typical
Max.
Drain Supply Voltage, Vd
7
V
Total Drain Supply Current, Id
200
mA
Vg1 set for typical Id
First Gate Voltage, Vg1
-3.5
-3.0
-2.5
V
Vd=7V, Id=200mA
Saturated Drain Current, Idss
350
mA
Vg1=0V
First Gate Minimum Drain Current, Idsmin (Vg1)
80
mA
Vg1=-7V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com