Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6125 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6125
Description  10-24 GHz x2 Frequency Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6125 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6125 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6125 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Drain Voltage
Vd1
5
V
Vd2
6
V
Gate Voltage
Vg
-2.5
0
V
CW Input Power
10
dBm
MSL
MSL2
Channel Temperature
150
°C
Storage Temperature
-45
150
°C
Table 2. Recommended Operating Range
Parameter
Pin
Specifications
Comments
Description
Min.
Typical
Max.
Unit
Drain Voltage
Vd1
3.5
4.0
V
Vd2
5.0
5.5
V
Gate Voltage
Vg
-1.4
-1.2
-1
V
Frequency range
Input
5
12
GHz
Output
10
24
GHz
Input Power
-6
0
+4
dBm
Quiescent Current
Idsq1
100
mA
Vd1 = 3.5 V
Idsq2
110
mA
Vd2 = 5 V
Thermal Resistance,
θch-b
26.4
°C/W
Case Temperature
-40
+85
°C
ESD
Human Body Model
150
V
Machine Model
40
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com