Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6220 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6220
Description  6-20 GHz Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6220 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6220 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6220 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or
more frequencies.
4. Specifications are derived from measurements in a 50 W test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
Table 1. RF Electrical Characteristics
Parameter
Min
Typ.
Max
Sigma
Unit
Small-signal Gain, Ga
22
0.5
dB
Noise Figure into 50 Ω, NF
2.5
0.2
dB
Output Power at 1dB Gain Compression, P-1dB
+10
0.8
dBm
Third Order Intercept Point;
∆f=100MHz; Pin=-20dBm, OIP3
+20
1.1
dBm
Input Return Loss, RLin
-12
0.3
dB
Output Return Loss, Rlout
-16
0.7
dB
Reverse Isolation, Isol
-45
0.5
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Specifications
Unit
Comments
Min.
Typical
Max.
Drain Supply Current, Id
55
70
mA
(Vd = 3 V, Under any RF power drive and
temperature)
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Thermal Resistance,
qch-b
qch-b = 27 °C/W
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Specifications
Description
Pin
Min.
Max.
Unit
Comments
Drain Supply Voltage
Vd
7
V
Drain Current
Id
100
mA
RF Input Power (Pin)
RFIN
15
dBm
CW
Channel Temperature
+150
°C
Storage Temperature
-65
+150
°C
Maximum Assembly Temperature
+300
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com