Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6630 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6630
Description  5 ??30 GHz Variable Attenuator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6630 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6530 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics [1,2]
TA=25°C, Zo=50 Ω
Parameter
Frequency
=7GHz
Frequency
=16GHz
Frequency
=25GHz
Frequency
=34GHz
Unit
Comment
Minimum Attenuation
(Reference State)
5
2.5
3.5
3.5
dB
Small Signal S21
Vc=0V
Maximum Attenuation
23.0
22.0
22.5
23.5
dB
Small Signal S21
Vc=0V
Frequency <45 Typical
RLin and RLout
at Reference State
10
dB
Vc=0V
RLin and RLout
at Maximum State
10
dB
Vc=1.0V
Notes:
1. All tested parameters guaranteed with measurement accuracy ±2.5dB for Min Attenuation of 7GHz , ±1 for Min Attenuation of 16, 25GHz &
34GHz, ±3 for Max Attenuation of 7GHz, and ±2 for Max Attenuation of 16GHz, 25GHz &34GHz.
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Data obtained from on-wafer measurement
Description
Min.
Typical
Max.
Unit
Test Condition
VC Control Current (Min Attenuation),
Ic_ref
0
uA
Vc=0V
VC Control Current (Max Attenuation),
Ic _ref
150
uA
Vc=1.0V
Table 3. Absolute Minimum and Maximum Ratings [1]
Parameter
Min.
Max.
Unit
Comments
Voltage to Control Attenuation, Vc
0
1.6
V
RF Input Power, Pin
27
dBm
Operating Channel Temperature, Tch
+150
dB
Storage Temperature, Tstg
-40
+150
°C
Maximum Assembly Temperature, Tmax
300
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for VC and Pin
were determined at an ambient temperature of 25°C unless noted otherwise..



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com