Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6640 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6640
Description  DC-40 GHz Variable Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6640 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6640 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6640 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Data obtained from on-wafer measurement
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
Table 1. RF Electrical Characteristics [1,2]
Small signal data measured in packaged form on a 2.4mm connector based evaluation board at TA = 25°C, Zo = 50Ω
Symbol
Parameters and Test Conditions
Units
Freq. [GHz]
Minimum
Typical
Maximum
Minimum Attenuation
(Reference State)
Small-signal S21
Vse = 1.2 V, Vsh = 0
dB
6
2.5
3.1
28
3.8
4.5
26
4
4.6
30
4.4
5
40
5
6
Maximum Attenuation
Small-signal S21
Vse = 0 V, Vsh = 1.2V
dB
6
23
25
18
23
26
26
23
26
38
23
26
40
25
28
RLin and RLout
At Minimum Attenuation
Vse = 1.2V, Vsh = 0V
dB
<40
10
RLin and RLout
At Maximum Attenuation
Vse = 0V, Vsh = 1.2V
dB
<40
9
IIP3
at Minimum Attenuation
dBm
<38
30
P1dB (input)
at Minimum Attenuation
dBm
<40
27
P1dB (input)
at Maximum Attenuation
dBm
<40
27
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Data obtained from on-wafer measurement
Parameter
Min.
Typical
Max.
Unit
Test Condition
Vse Control Current (Min Attenuation), Ic_Vse
10.0
uA
Vse=1.2V, Vsh=0
Vse Control Current (Max Attenuation), Ic_Vse
1.5
mA
Vse=0V, Vsh=1.2V
Vsh Control Current (Min Attenuation), Ic_Vsh
10.0
uA
Vse=0V, Vsh=1.2V
Vsh Control Current (Max Attenuation), Ic _Vsh
1.5
mA
Vse=1.2V, Vsh=0
Table 3. Absolute Minimum and Maximum Ratings [1]
Parameter
Min.
Max.
Unit
Comments
Voltage to Control VSWR, Vc
0
2.5
V
RF Input Power, Pin
30
dBm
Operating Channel Temperature, Tch
+150
dB
Storage Temperature, Tstg
-40
+150
°C
Maximum Assembly Temperature, Tmax
260
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for VC and Pin
were determined at an ambient temperature of 25°C unless noted otherwise..



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com