Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6650 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6650
Description  DC ??30 GHz Variable Attenuator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6650 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6650 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6650 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Data obtained from on-wafer measurement
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
Table 1. RF Electrical Characteristics [1,2]
Symbol
Parameters and Test Conditions
Units
Freq. [GHz]
Minimum
Typical
Maximum
Minimum Attenuation
(Reference State)
|S21|
V1 = 1.5 V
V2 = 0.0 V
dB
2
0.9
1.5
10
2.0
2.5
20
0.9
2.5
30
2.1
3.0
Maximum Attenuation
|S21|
V1 = 0.0 V
V2 = 1.25 V
dB
2
23
26.6
10
23
28.0
20
23
30.0
30
23
35.6
Return Loss (In/Out)
at Reference State
V1=1.5 V, V2=0.0 V
dB
<30
10
Return Loss (In/Out)
at Max. Attenuation
V1=0.0 V, V2=1.25 V
dB
<30
10
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Data obtained from on-wafer measurement
Parameter
Min.
Typical
Max.
Unit
Test Condition
V1 Control Current (Min Attenuation), Ic_V1_ref
1.93
2.0
mA
Vse=1.2V, Vsh=0
V2 Control Current (Min Attenuation), Ic_V2_ref
0.8
2.5
uA
Vse=0V, Vsh=1.2V
V1 Control Current (Max Attenuation), Ic_V1_max
1.1
2.5
uA
Vse=0V, Vsh=1.2V
V2 Control Current (Max Attenuation), Ic_V2_max
1.41
1.5
mA
Vse=1.2V, Vsh=0
Table 3. Absolute Minimum and Maximum Ratings [1]
Parameter
Min.
Max.
Unit
Comments
Voltage to Control VSWR, V1
0
1.6
V
Voltage to Control Attenuation, V2
0
1.6
V
RF Input Power, Pin
17
dBm
Operating Channel Temperature, Tch
+150
dB
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
300
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for V1, V2 and
Pin were determined at an ambient temperature of 25°C unless noted otherwise..



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com