Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5000/ECAT Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5000/ECAT
Description  4-slot Distributed High Speed I/O System for EtherCAT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000/ECAT Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5000/ECAT Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Motion Control
Introduction
The ADAM-5000/ECAT 4-slot distributed flexible system can provide high-speed, high-precision remote I/O for EtherCAT. It is the link between the EtherCAT automation control
network and the EtherCAT I/O modules ranging from basic DI/O's to high-speed AI/O models for different application scenarios. All our EtherCAT devices have been designed and
tested to meet Advantech's stringent requirements on noise immunity. Fast, accurate, highly -efficient data transmission and easy remote configuration make ADAM-5000/ECAT the
perfect match in industrial automation architecture.
ADAM-5000/ECAT
ƒ 32-bit ARM RISC Processor
ƒ 4 slots with various digital and analog I/O modules is just a single EtherCAT
node on the network.
ƒ Supports EtherCAT Distributed Clock (DC) mode and SyncManager mode
ƒ Supports the Modular Device Profile (MDP) when all modules are a pure I/O
function
ƒ Configure I/O module parameters and upgrade via a utility
ƒ Node addresses can be fixed by rotary switches, or set by software.
ƒ Compatible with Advantech Common Motion SDK or other EtherCAT master
through ENI file generation
ƒ 8-bit DIP switch for Mode setting and three rotate switch for up to 4,096 slave
IDs (x1, x10, x100)
* I/O modules are optional
Specifications
Control System
ƒ
CPU
32-bit ARM RISC Processor
ƒ
I/O Slots
4
ƒ
Memory
Flash ROM: 64M SPI
RAM: 4G DDR3
ƒ
LED Indicators
Power LED
System status LED
EtherCAT RUN LED
EtherCAT ERROR LED
EtherCAT Port 0 LINK LED
EtherCAT Port 1 LINK LED
Communications
ƒ
Data Transfer Rate
Up to 100 Mbps
ƒ
Communication Cycle Time
100 us
ƒ
Interface
2 x RJ-45
ƒ
Wiring
UTP, category 5 or greater
Power
ƒ
Power Consumption
2.5 W @ 24 VDC
(not including I/O modules)
ƒ
Power Input
10 ~ 30 VDC
Software
ƒ
API
Advantech Common Motion Library
ƒ
Windows Utility
Network setting, I/O configuration
Protection
ƒ
I/O Module Isolation
3.000 VDC
ƒ
LAN Communication
1.500 VDC
ƒ
Overvoltage Protection
Yes
ƒ
Power Reversal
Yes
Protection
General
ƒ
Certification
CE, FCC class A
ƒ
Connectors
1 x Screw-terminal for RS-485 (communication)
1 x DB9-M for RS-232 (internal use)
1 x Screw-terminal for power input
2 x RJ-45 for LAN
ƒ
Dimensions (W x H x D)
231 x 110 x 75 mm
ƒ
Mounting
DIN-rail, wall
Environment
ƒ
Operating Humidity
5 ~ 95%, non-condensing
ƒ
Operating Temperature
- 10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
- 25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-5000/ECAT
4-slot EtherCAT Distributed High Speed I/O
System
4-slot Distributed High Speed
I/O System for EtherCAT
RoHS
COMPLIANT
2002/95/EC
Date updated: 25-May-2015
All product specifications are subject to change without notice


Similar Part No. - ADAM-5000/ECAT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5000/485 ADVANTECH-ADAM-5000/485 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000/TCP ADVANTECH-ADAM-5000/TCP Datasheet
194Kb / 1P
8-slot Distributed DA&C System for Ethernet
More results

Similar Description - ADAM-5000/ECAT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
logo
List of Unclassifed Man...
OTB1E0DM9LP ETC2-OTB1E0DM9LP Datasheet
68Kb / 3P
I/O distributed module OTB
logo
M-System Co.,Ltd.
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
R7I4DECT-1-DAC32C MSYSTEM-R7I4DECT-1-DAC32C Datasheet
314Kb / 9P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-DC32A MSYSTEM-R7I4DECT-1-DC32A Datasheet
292Kb / 7P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-PA8A MSYSTEM-R7I4DECT-1-PA8A Datasheet
274Kb / 7P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-SVF8N MSYSTEM-R7I4DECT-1-SVF8N Datasheet
265Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
logo
Weidmuller
2659690000 WEIDMULLER-2659690000 Datasheet
378Kb / 4P
Remote I/O fieldbus coupler, EtherCAT
November 4, 2021
logo
Omron Electronics LLC
GX-SERIES OMRON-GX-SERIES Datasheet
5Mb / 48P
EtherCAT??Remote I/O Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com