Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1708EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
ONB
Shutdown Input. When
ONB = high and ONA = low, the device turns off (Table 1).
2
ONA
On-Control Input. When ONA = high or
ONB = low, the device turns on (Table 1).
3, 4, 5
LX
Drain of N-Channel Power Switch. Connect pins 3, 4, and 5 together with wide traces. Connect
an external Schottky diode from LX to VOUT. (Figure 1)
6, 9
GND
Ground
7
SS/LIM
Soft-Start and/or Current-Limit Input. Connect a capacitor from SS/LIM to GND to control the
rate at which the device reaches current limit (soft-start). To reduce the current limit from the
preset values, connect a resistor from SS/LIM to GND (see Design Procedure). During
shutdown, SS/LIM is internally pulled to GND to discharge the soft-start capacitor.
8
REF
Voltage Reference Output. Bypass with a 0.22µF capacitor to GND. Maximum REF load is
50µA.
10
OUT
Output Voltage Sense Input. The device is powered from OUT. Bypass with a 0.1µF capacitor
to PGND with less than 5mm trace length. Connect a 2
Ω series resistor from the output filter
capacitor (0.1µF) to OUT (Figure 1).
11
FB
DC-DC Converter Feedback Input. Connect FB to GND for internally set output voltage (see
3.3/5 pin description). Connect a resistor-divider from the output to set the output voltage in the
+2.5V to +5.5V range. FB regulates to +1.24V (Figure 4).
12, 13, 14
PGND
Power Ground, Source of N-Channel Power MOSFET Switch. Connect pins 12, 13, and 14
together with wide traces.
15
3.3/5
Output Voltage Selection Input. When FB is connected to GND, the regulator uses internal
feedback to set the output voltage.
3.3/5 = low sets output to 3.3V; 3.3/5 = high sets output to
5V. If an external divider is used at FB, connect
3.3/5 to ground.
16
CLK
Clock Input for the DC-DC Converter. Connect to OUT for internal oscillator. Drive CLK with
an external clock for external synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com