Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC461 Datasheet(PDF) 2 Page - International Rectifier

Part # AFC461
Description  EMI FILTER HYBRID - HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFC461 Datasheet(HTML) 2 Page - International Rectifier

  AFC461_15 Datasheet HTML 1Page - International Rectifier AFC461_15 Datasheet HTML 2Page - International Rectifier AFC461_15 Datasheet HTML 3Page - International Rectifier AFC461_15 Datasheet HTML 4Page - International Rectifier AFC461_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
AFC461 Series
Specifications
1. Typical Applications result in Vout within 2 % of Vin
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
Vendor Cage
IR Standard
Drawing Number
Code
Part Number
91020-01HXA
52467
AFC461/CH
91020-01HZA
52467
AFC461F/CH
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
Steady State
0
28
40
VDC
Input Current
DC
Ripple
4.0
1.0
A
A RMS
Input Clamping Voltage
-55°C
+25°C
+125°C
38.9
42.3
44.9
43.2
47.0
49.9
47.5
51.7
54.8
VDC
VDC
VDC
Output Voltage
1
Steady State
VOUT = VIN - IIN (RDC)
VDC
Output Current
Steady State
4.0
A
DC Resistance (RDC)
Steady State
0.07
0.10
0.15
ΩÃ
Power Dissipation
Max. DC Current
1.6
W
Noise Reduction
100 KHz to 50 MHz
40
dB
Capacitance
Any pin to case
4200
pF
Isolation
Any pin to case 500VDC
100
M
Ω
Operating Temperature
Storage Temperature
Case
Case
-55
-65
+125
+150
°C
°C
Weight
55
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com