Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC461 Datasheet(PDF) 1 Page - International Rectifier

Part # AFC461
Description  EMI FILTER HYBRID - HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFC461 Datasheet(HTML) 1 Page - International Rectifier

  AFC461 Datasheet HTML 1Page - International Rectifier AFC461 Datasheet HTML 2Page - International Rectifier AFC461 Datasheet HTML 3Page - International Rectifier AFC461 Datasheet HTML 4Page - International Rectifier AFC461 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
09/06/06
www.irf.com
1
AFC461 SERIES
Description
n 4.0 A Input Current - max.
n 40 dB Noise Reduction min. @100 KHz
n -55°C to +125°C Operation
n Military Screening
n Compatible with ATW, AHE, ATO, ATR and
AHF Series DC/DC Converters
Features
AFC
Typical Application
AFC461
EMI Filter
AHE28XX
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
AHE28XX
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
Case
Case
Case
To other converters up
to rated output current
SLV
MSTR
The AFC461 EMI filter will reduce the input line reflected
ripple current of the AHV, ATO, ATW, ATR, and AHF
line of DC/DC converters to levels below the CEO3
limits of MIL-STD-461.
These EMI filters are manufactured in a facility certified
to MIL-PRF-38534. All purposes used to manufacture
these filters have been qualified to enable International
Rectifier to deliver compliant devices. Three standard
temperature grades are offered with screening options.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these EMI filters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
n No Derating for -55°C to +125°C Operation
n No Tantalum Capacitors for High Reliability
n Standard Microcircuit Drawings Available
EMI FILTER
HYBRID - HIGH RELIABILITY
PD - 94585B


Similar Part No. - AFC461

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFC461 IRF-AFC461 Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
AFC461CH IRF-AFC461CH Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
AFC461ES IRF-AFC461ES Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
AFC461F IRF-AFC461F Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
AFC461HB IRF-AFC461HB Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
More results

Similar Description - AFC461

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com