Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV461 Datasheet(PDF) 4 Page - International Rectifier

Part # AFV461
Description  EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFV461 Datasheet(HTML) 4 Page - International Rectifier

  AFV461 Datasheet HTML 1Page - International Rectifier AFV461 Datasheet HTML 2Page - International Rectifier AFV461 Datasheet HTML 3Page - International Rectifier AFV461 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.irf.com
AFV461 Series
Pin Designation
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 06/05
Pin No.
Designation
1
+ Vin
2
+ Vout
3
Case
4
Output Return
5
Input Return
Available Standard Military Drawing (SMD) Cross Reference
AFV461 Case Outlines
1.120 Max
(28.45)
0.040 D (1.02) X
0.26 L (6.60) Pins
1.600
(40.64)
2.120
Max
(53.85)
0.380
Max
(9.65)
1
2
0.800
(20.32)
4
5
3
2.550
(64.77)
1.110
(28.19)
0.040 D (1.02) X
0.26 L (6.60) Pins
1.600
(40.64)
2.870
(72.90)
Max
2.110
(53.59)
Max
0.380
(9.65)
Max
0.050
(1.27)
1
2
0.800
(20.32)
Ø 0.162
(4.12)
2 Holes
4
5
3
Non-Flanged
Flanged
Standard
Military Drawing
PIN
Vendor
CAGE
number
Vendor
similar
PIN
91020-02HXA
52467
AFV461/CH
91020-02HZA
52467
AFV461F/CH
AFV 461 F / CH
Model
Applicable
Military Test
Standard
Case Style
Omit for Standard
Screening
Blank, ES, HB, CH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com