Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1742EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1742EEE
Description  1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1742EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1742EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1742EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1A/2.7A, 1MHz, Step-Down Regulators with
Synchronous Rectification and Internal Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VCC = 3.3V, FBSEL = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN, VCC
3.0
5.5
V
TA = +25
°C
to +85
°C
2.500
2.525
2.550
FBSEL =
VCC
TA = +0
°C
to +85
°C
2.487
2.525
2.563
TA = +25
°C
to +85
°C
1.500
1.515
1.530
FBSEL =
unconnected
TA = +0
°C
to +85
°C
1.492
1.515
1.538
TA = +25
°C
to +85
°C
1.800
1.818
1.836
FBSEL =
REF
TA = +0
°C
to +85
°C
1.791
1.818
1.845
TA = +25
°C
to +85
°C
1.089
1.100
1.111
Preset Output Voltage
VOUT
VIN = 3V to
5.5V,
ILOAD = 0
to 1A for
MAX1742,
ILOAD = 0
to 2.5A for
MAX1842,
VFB = VOUT
FBSEL =
GND
TA = +0
°C
to +85
°C
1.084
1.100
1.117
V
Adjustable Output Voltage
Range
VIN = VCC = 3V to 5.5V, ILOAD = 0,
FBSEL = GND
VREF
VIN
V
AC Load Regulation Error
2%
DC Load Regulation Error
0.4
%
Dropout Voltage
VDO
VIN = VCC = 3V, ILOAD = 1A
250
mV
TA = +25
°C to +85°C
1.089
1.100
1.111
Reference Voltage
VREF
TA = +0
°C to +85°C
1.084
1.100
1.117
V
Reference Load Regulation
∆VREF
IREF = -1µA to +10µA
0.5
2
mV
VIN = 4.5V
90
200
PMOS Switch
On-Resistance
RON, P
ILX = 0.5A
VIN = 3V
110
250
VIN = 4.5V
70
150
NMOS Switch
On-Resistance
RON, N
ILX = 0.5A
VIN = 3V
80
200
m
Ω
VCC, IN to GND ........................................................-0.3V to +6V
IN to VCC.............................................................................±0.3V
GND to PGND.....................................................................±0.3V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
LX Current (Note 1).............................................................±4.7A
REF Short Circuit to GND Duration ............................Continuous
ESD Protection .....................................................................±2kV
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 16.7mW/°C above +70°C;
part mounted on 1 in.2 of 1oz. copper) ...............................1W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Note 1: LX has internal clamp diodes to PGND and IN. Applications that forward-bias these diodes should take care not to exceed
the IC’s package power dissipation limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com